Electronic Components Datasheet Search
  English  ▼

X  

GSOT03 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # GSOT03
Description  Single-Line ESD-Protection in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT03 Datasheet(HTML) 5 Page - Vishay Siliconix

  GSOT03 Datasheet HTML 1Page - Vishay Siliconix GSOT03 Datasheet HTML 2Page - Vishay Siliconix GSOT03 Datasheet HTML 3Page - Vishay Siliconix GSOT03 Datasheet HTML 4Page - Vishay Siliconix GSOT03 Datasheet HTML 5Page - Vishay Siliconix GSOT03 Datasheet HTML 6Page - Vishay Siliconix GSOT03 Datasheet HTML 7Page - Vishay Siliconix GSOT03 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 85807
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 2.0, 22-Jul-10
5
GSOT03 to GSOT36
Single-Line ESD-Protection in
SOT-23
Vishay Semiconductors
Note
• BiAs mode (between pin 3 and pin 1)
Note
• BiAs mode (between pin 3 and pin 1)
Note
• BiAs mode (between pin 3 and pin 1)
ELECTRICAL CHARACTERISTICS GSOT04
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 20 μA
VRWM
4-
-
V
Reverse current
at VR = 4 V
IR
-
-
20
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
56.1
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-7.5
9
V
at IPP = IPPM = 30 A
-
11.2
14.3
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 30 A
-
4.5
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
310
450
pF
at VR = 2 V; f = 1 MHz
-
200
-
pF
ELECTRICAL CHARACTERISTICS GSOT05
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 10 μA
VRWM
5-
-
V
Reverse current
at VR = 5 V
IR
-
-
10
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
66.8
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-7
8.7
V
at IPP = IPPM = 30 A
-
12
16
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 30 A
-
4.5
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
260
350
pF
at VR = 2.5 V; f = 1 MHz
-
150
-
pF
ELECTRICAL CHARACTERISTICS GSOT08
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 5 μA
VRWM
8-
-
V
Reverse current
at VR = 8 V
IR
--
5
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
910
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-
10.7
13
V
at IPP = IPPM = 18 A
-
15.2
19.2
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 18 A
-
3
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
160
250
pF
at VR = 4 V; f = 1 MHz
-
80
-
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com