Electronic Components Datasheet Search
  English  ▼

X  

GSOT15 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # GSOT15
Description  Single-Line ESD-Protection in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT15 Datasheet(HTML) 6 Page - Vishay Siliconix

  GSOT15 Datasheet HTML 1Page - Vishay Siliconix GSOT15 Datasheet HTML 2Page - Vishay Siliconix GSOT15 Datasheet HTML 3Page - Vishay Siliconix GSOT15 Datasheet HTML 4Page - Vishay Siliconix GSOT15 Datasheet HTML 5Page - Vishay Siliconix GSOT15 Datasheet HTML 6Page - Vishay Siliconix GSOT15 Datasheet HTML 7Page - Vishay Siliconix GSOT15 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: ESDprotection@vishay.com
Document Number: 85807
6
Rev. 2.0, 22-Jul-10
GSOT03 to GSOT36
Vishay Semiconductors
Single-Line ESD-Protection in
SOT-23
Note
• BiAs mode (between pin 3 and pin 1)
Note
• BiAs mode (between pin 3 and pin 1)
Note
• BiAs mode (between pin 3 and pin 1)
ELECTRICAL CHARACTERISTICS GSOT12
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 1 μA
VRWM
12
-
-
V
Reverse current
at VR = 12 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
13.5
15
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-
15.4
18.7
V
at IPP = IPPM = 12 A
-
21.2
26
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 12 A
-
2.2
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
115
150
pF
at VR = 6 V; f = 1 MHz
-
50
-
pF
ELECTRICAL CHARACTERISTICS GSOT15
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 1 μA
VRWM
15
-
-
V
Reverse current
at VR = 15 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
16.5
18
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-
19.4
23.5
V
at IPP = IPPM = 8 A
-
24.8
28.8
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 8 A
-
1.8
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-90
120
pF
at VR = 7.5 V; f = 1 MHz
-
35
-
pF
ELECTRICAL CHARACTERISTICS GSOT24
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 1 μA
VRWM
24
-
-
V
Reverse current
at VR = 24 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
27
30
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-34
41
V
at IPP = IPPM = 5 A
-
41
47
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 5 A
-
1.4
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-65
80
pF
at VR = 12 V; f = 1 MHz
-
20
-
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com