Electronic Components Datasheet Search
  English  ▼

X  

GSOT15C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # GSOT15C
Description  Two-Line ESD-Protection in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT15C Datasheet(HTML) 5 Page - Vishay Siliconix

  GSOT15C Datasheet HTML 1Page - Vishay Siliconix GSOT15C Datasheet HTML 2Page - Vishay Siliconix GSOT15C Datasheet HTML 3Page - Vishay Siliconix GSOT15C Datasheet HTML 4Page - Vishay Siliconix GSOT15C Datasheet HTML 5Page - Vishay Siliconix GSOT15C Datasheet HTML 6Page - Vishay Siliconix GSOT15C Datasheet HTML 7Page - Vishay Siliconix GSOT15C Datasheet HTML 8Page - Vishay Siliconix GSOT15C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 85824
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 2.0, 22-Jul-10
5
GSOT03C to GSOT36C
Two-Line ESD-Protection in SOT-23 Vishay Semiconductors
If a higher surge current or peak pulse current (IPP) is needed, both protection diodes in the GSOTxxC can also be used in
parallel in order to “double” the performance.
This offers:
• double surge power = double peak pulse current (2 x IPPM)
• half of the line inductance = reduced clamping voltage
• half of the line resistance = reduced clamping voltage
• double line capacitance (2 x CD)
• double reverse leakage current (2 x IR)
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 3 or pin 2 to 3)
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 3 or pin 2 to 3)
L1
L2
20358
2
1
3
Ground
BiAs
L1
20359
2
1
3
Ground
ELECTRICAL CHARACTERISTICS GSOT03C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
2
lines
Reverse working voltage
at IR = 100 μA
VRWM
3.3
-
-
V
Reverse current
at VR = 3.3 V
IR
-
-
100
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
44.6
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-5.7
7.5
V
at IPP = IPPM = 30 A
-
10
12.3
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 30 A
-
4.5
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
420
600
pF
at VR = 1.6 V; f = 1 MHz
-
260
-
pF
ELECTRICAL CHARACTERISTICS GSOT04C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
2
lines
Reverse working voltage
at IR = 20 μA
VRWM
4-
-
V
Reverse current
at VR = 4 V
IR
-
-
20
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
56.1
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-7.5
9
V
at IPP = IPPM = 30 A
-
11.2
14.3
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 30 A
-
4.5
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
310
450
pF
at VR = 2 V; f = 1 MHz
-
200
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com