Electronic Components Datasheet Search
  English  ▼

X  

BA892 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BA892
Description  Silicon Rf Switching Diode Preliminary data
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BA892 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BA892 Datasheet HTML 1Page - Siemens Semiconductor Group BA892 Datasheet HTML 2Page - Siemens Semiconductor Group BA892 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BA 892
Semiconductor Group
Au -03-1998
1
Silicon Rf Switching Diode
Preliminary data
• For VHF band switching
in TV / VTR tuners
• Low forward resistance,
small capacitance,
small inductance
1
VES05991
2
Type
Marking
Ordering Code
Pin Configuration
Package
BA 892
A
Q62702-A1214
1 = C
2 = A
SCD-80
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
35
V
VR
Forward current
mA
IF
100
-55 ...+125
°C
Operating temperature range
Top
Storage temperature
Tstg
-55 ...+150
Thermal Resistance
K/W
Junction - ambient
1)
RthJA
≤ 450
1) Package mounted on alumina 15mm x 16.7mm x 0.7mm
Semiconductor Group
1
1998-11-01


Similar Part No. - BA892

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Infineon Technologies A...
BA892 INFINEON-BA892 Datasheet
416Kb / 4P
Silicon RF Switching Diode
Feb-04-2003
BA892 INFINEON-BA892 Datasheet
108Kb / 11P
Silicon RF Switching Diode
2007-04-19
BA892 INFINEON-BA892 Datasheet
976Kb / 11P
For band switching in TV/VTR tuners and mobile applications
2011-07-21
More results

Similar Description - BA892

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR65-02W SIEMENS-BAR65-02W Datasheet
14Kb / 3P
Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
BAR65-03W SIEMENS-BAR65-03W Datasheet
19Kb / 3P
Preliminary data Silicon RF Switching Diode (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
BAR65-07 SIEMENS-BAR65-07 Datasheet
22Kb / 3P
Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-Diode Band switch for TV-tuners)
BAS16-02W SIEMENS-BAS16-02W Datasheet
21Kb / 3P
Silicon Switching Diode Preliminary data (For high-speed switching applications)
BAS16-03W SIEMENS-BAS16-03W Datasheet
29Kb / 4P
Silicon Switching Diode Preliminary data (For high-speed switching applications)
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
Silicon RF Switching Diode
Aug-17-2001
logo
Guangdong Kexin Industr...
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
Silicon RF Switching Diode
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
Silicon RF Switching Diode
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
Silicon RF Switching Diode
2007-03-29
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
Silicon RF Switching Diode
2007-04-19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com