Electronic Components Datasheet Search
  English  ▼

X  

BUL6825 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL6825
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL6825 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL6825 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL6825 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUL6825 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUL6825
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=10mA ;IB=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=1A ;IB=0.2A
0.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=2A ;IB=0.5A
TC=100℃
0.6
1.0
V
VCEsat-3
Collector-emitter saturation voltage
IC=4A ;IB=1A
1.0
V
VBEsat-1
Base-emitter saturation voltage
IC=1A; IB=0.2A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=2A ;IB=0.5A
TC=100℃
1.6
1.5
V
ICBO
Collector cut-off current
VCB=700V ;IE=0
TC=100℃
1.0
5.0
mA
IEBO
Emitter cut-off current
VEB=9V; IC=0
1.0
mA
hFE-1
DC current gain
IC=1A ; VCE=5V
10
60
hFE-2
DC current gain
IC=2A ; VCE=5V
8
40
fT
Transition frequency
IC=0.5A ; VCE=5V
4
MHz
COB
Collector outoput capacitance
f=1MHz ; VCB=10V
65
pF
Switching times resistive load
td
Delay time
0.1
μs
tr
Rise time
0.7
μs
ts
Storage time
4.0
μs
tf
Fall time
VCC=125V ,IC=2A
IB1=- IB2=0.4A
tp=25μs
duty cycle≤1%
0.9
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com