Electronic Components Datasheet Search
  English  ▼

X  

TND017MP Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # TND017MP
Description  Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND017MP Datasheet(HTML) 4 Page - Sanyo Semicon Device

  TND017MP Datasheet HTML 1Page - Sanyo Semicon Device TND017MP Datasheet HTML 2Page - Sanyo Semicon Device TND017MP Datasheet HTML 3Page - Sanyo Semicon Device TND017MP Datasheet HTML 4Page - Sanyo Semicon Device TND017MP Datasheet HTML 5Page - Sanyo Semicon Device TND017MP Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TND017MP / SW
No.6481-4/6
--40
--20
0
20
40
60
80
100
0
0.5
1.0
1.5
1.7
2.0
2.5
80
100
120
140
160
180
200
4.0
4.5
5.0
5.5
6.0
0
0.2
0.4
0.6
0.8
1.0
1.2
IT02024
--40
--20
0
20
40
60
80
100
IT02026
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IT02025
IT02023
1unit
TND017MP
TND017SW
TND017SW
--50
--25
0
25
50
75
100
VDS=5V
IO=1mA
IT02021
IT02022
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
2.5
VDS=24V
VIN(th) -- Ta
VDS, clamp -- Ta
VIN, clamp -- Ta
IO -- VIN
Tj(sd) -- VIN
PD -- Ta
PD(Circuit2) -- PD(Circuit1)
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Input Voltage, VIN -- V
Input Voltage, VIN -- V
Allowable Power Dissipation, PD(Circuit1) -- W
Mounted
on
a ceramic
board
(1200mm
2✕
0.8mm)
Mounted on a ceramic board (1200mm2
✕0.8mm)
PD -- Ta
Ambient Temperature, Ta --
°C
--50
--25
0
25
50
75
100
--50
--25
0
25
50
75
100
60
61
62
63
64
65
66
67
68
69
70
IT02019
IT02020
10.0
10.5
11.0
11.5
12.0
12.5
IIN=1mA
VIN=0V
IO=1mA
To
tal
Dissipation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com