Electronic Components Datasheet Search
  English  ▼

X  

IRFZ24LPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFZ24LPBF
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFZ24LPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFZ24LPBF Datasheet HTML 1Page - Vishay Siliconix IRFZ24LPBF Datasheet HTML 2Page - Vishay Siliconix IRFZ24LPBF Datasheet HTML 3Page - Vishay Siliconix IRFZ24LPBF Datasheet HTML 4Page - Vishay Siliconix IRFZ24LPBF Datasheet HTML 5Page - Vishay Siliconix IRFZ24LPBF Datasheet HTML 6Page - Vishay Siliconix IRFZ24LPBF Datasheet HTML 7Page - Vishay Siliconix IRFZ24LPBF Datasheet HTML 8Page - Vishay Siliconix IRFZ24LPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 90366
www.vishay.com
S11-1063-Rev. C, 30-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRFZ24S, IRFZ24L, SiHFZ24S, SiHFZ24S
Vishay Siliconix
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Advanced Process Technology
• Surface Mount (IRFZ24S, SiHFZ24S)
• Low-ProfileThrough-Hole (IRFZ24L, SiHFZ24L)
• 175 °C Operating Temperature
•Fast Switching
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay utilize
advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
Power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a
wide variety of applications.
The D2PAK is a surface mount power package capable of
accommodating die size up to HEX-4. It provides the highest
power capability and the last lowest possible on-resistance
in any existing surface mount package. The D2PAK is
suitable for high current applications because of its low
internal connection resistance and can dissipate up to 2.0 W
in a typical surface mount application. The through-hole
version (IRFZ24L, SiHFZ24L) is available for low-profile
applications.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 400 μH, Rg = 25 , IAS = 17 A (see fig. 12).
c. ISD  17 A, dI/dt  140 A/μs, VDD  VDS, TJ  175 °C.
d. 1.6 mm from case.
e. Uses IRFZ24, SiHFZ24 data and test conditions.
PRODUCT SUMMARY
VDS (V)
60
RDS(on) ()VGS = 10 V
0.10
Qg (Max.) (nC)
25
Qgs (nC)
5.8
Qgd (nC)
11
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
G
D
S
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free and Halogen-free
SiHFZ24S-GE3
SiHFZ24STRR-GE3
-
Lead (Pb)-free
IRFZ24SPbF
-
IRFZ24LPbF
SiHFZ24S-E3
-
SiHFZ24L-E3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
17
A
TC = 100 °C
12
Pulsed Drain Currenta, e
IDM
68
Linear Derating Factor
0.40
W/°C
Single Pulse Avalanche Energyb, e
EAS
100
mJ
Maximum Power Dissipation
TC = 25 °C
PD
60
W
TA = 25 °C
3.7
Peak Diode Recovery dV/dtc, e
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFZ24LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ24L IRF-IRFZ24L Datasheet
361Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRFZ24LPBF

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com