Electronic Components Datasheet Search
  English  ▼

X  

IRLR024 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # IRLR024
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLR024 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button IRLR024 Datasheet HTML 2Page - Vishay Siliconix IRLR024 Datasheet HTML 3Page - Vishay Siliconix IRLR024 Datasheet HTML 4Page - Vishay Siliconix IRLR024 Datasheet HTML 5Page - Vishay Siliconix IRLR024 Datasheet HTML 6Page - Vishay Siliconix IRLR024 Datasheet HTML 7Page - Vishay Siliconix IRLR024 Datasheet HTML 8Page - Vishay Siliconix IRLR024 Datasheet HTML 9Page - Vishay Siliconix IRLR024 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Document Number: 91362
www.vishay.com
Revision: 15-Sep-08
1
Package Information
Vishay Siliconix
TO-251AA (HIGH VOLTAGE)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimension are shown in inches and millimeters.
3. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.13 mm (0.005") per side. These dimensions are measured at the
outermost extremes of the plastic body.
4. Thermal pad contour optional with dimensions b4, L2, E1 and D1.
5. Lead dimension uncontrolled in L3.
6. Dimension b1, b3 and c1 apply to base metal only.
7. Outline conforms to JEDEC outline TO-251AA.
Base
metal
Plating
b1, b3
(b, b2)
c1
(c)
Section B - B and C - C
A
c2
c
Lead tip
5
5
(Datum A)
Thermal PAD
E1
4
D1
View A - A
A1
A
A
C
Seating
plane
C
C
B
B
θ1
θ2
B
4
4
4
3
5
L1
L
L3
3 x b2
3 x b
3
b4
E
2 x e
0.010
C
B
M
A
0.25
0.010
B
A
0.25
L2
A
C
M
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.39
0.086
0.094
D1
5.21
-
0.205
-
A1
0.89
1.14
0.035
0.045
E
6.35
6.73
0.250
0.265
b
0.64
0.89
0.025
0.035
E1
4.32
-
0.170
-
b1
0.65
0.79
0.026
0.031
e
2.29 BSC
2.29 BSC
b2
0.76
1.14
0.030
0.045
L
8.89
9.65
0.350
0.380
b3
0.76
1.04
0.030
0.041
L1
1.91
2.29
0.075
0.090
b4
4.95
5.46
0.195
0.215
L2
0.89
1.27
0.035
0.050
c
0.46
0.61
0.018
0.024
L3
1.14
1.52
0.045
0.060
c1
0.41
0.56
0.016
0.022
θ1
0'
15'
0'
15'
c2
0.46
0.86
0.018
0.034
θ2
25'
35'
25'
35'
D
5.97
6.22
0.235
0.245
ECN: S-82111-Rev. A, 15-Sep-08
DWG: 5968



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com