Electronic Components Datasheet Search
  English  ▼

X  

MJ15022 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ15022
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ15022 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ15022 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ15022 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJ15022 Datasheet HTML 3Page - Inchange Semiconductor Company Limited MJ15022 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJ15022 MJ15024
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJ15022
200
VCEO(SUS)
Collector-emitter
sustaining voltage
MJ15024
IC=0.1A ;IB=0
250
V
VCEsat-1
Collector-emitter saturation voltage
IC=8A; IB=0.8A
1.4
V
VCEsat-2
Collector-emitter saturation voltage
IC=16A; IB=3.2A
4.0
V
VBE
Base-emitter on voltage
IC=8A ; VCE=4V
2.2
V
MJ15022
VCE=150V; IB=0
ICEO
Collector
cut-off current
MJ15024
VCE=200V; IB=0
0.5
mA
MJ15022
VCE=200V; VBE(off)=1.5V
ICEX
Collector
cut-off current
MJ15024
VCE=250V; VBE(off)=1.5V
0.25
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.5
mA
hFE-1
DC current gain
IC=8A ; VCE=4V
15
60
hFE-2
DC current gain
IC=16A ; VCE=4V
5
Is/b
Second breakdown collector
current with base forward biased
VCE=50Vdc,t=0.5 s,
VCE=80Vdc,t=0.5 s,Nonrepetitive
5.0
2.0
A
COB
Output capacitance
IE=0 ; VCB=10V;f=1.0MHz
500
pF
fT
Transition frequency
IC=1A ; VCE=10V;f=1.0MHz
4
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com