Electronic Components Datasheet Search
  English  ▼

X  

BAS16 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAS16
Description  Silicon Switching Diode (For high-speed switching)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS16 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAS16 Datasheet HTML 1Page - Siemens Semiconductor Group BAS16 Datasheet HTML 2Page - Siemens Semiconductor Group BAS16 Datasheet HTML 3Page - Siemens Semiconductor Group BAS16 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Silicon Switching Diode
BAS 16
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BAS 16
Q62702-F739
A6s
SOT-23
Parameter
Symbol
Values
Unit
Reverse voltage
VR
75
V
Forward current
IF
250
mA
Junction temperature
Tj
150
˚C
Total power dissipation, TS =54˚C
Ptot
370
mW
Storage temperature range
Tstg
– 65 … + 150
Peak reverse voltage
VRM
85
Surge forward current,
t = 1 µs
IFS
4.5
A
Thermal Resistance
Junction - ambient2)
Rth JA
≤ 330
K/W
Junction - soldering point
Rth JS
≤ 260
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
For high-speed switching
07.94


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BAS19 ZETEX-BAS19 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
logo
Siemens Semiconductor G...
BAL99 SIEMENS-BAL99 Datasheet
97Kb / 4P
Silicon Switching Diode (For high-speed switching)
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
Silicon Switching Diode (For high-speed switching)
BAR99 SIEMENS-BAR99 Datasheet
96Kb / 4P
Silicon Switching Diode (For high-speed switching)
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
Silicon Switching Diode (For high speed switching applications)
BAV70 SIEMENS-BAV70 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switchingFor high-speed switching)
logo
List of Unclassifed Man...
CD4531 ETC-CD4531 Datasheet
145Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
logo
Continental Device Indi...
CD4531 CDIL-CD4531 Datasheet
232Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE
logo
Central Semiconductor C...
CMPD914E CENTRAL-CMPD914E_15 Datasheet
469Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
CMSD4448 CENTRAL-CMSD4448_15 Datasheet
469Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com