Electronic Components Datasheet Search
  English  ▼

X  

BAS170W Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BAS170W
Description  Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS170W Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BAS170W Datasheet HTML 1Page - Siemens Semiconductor Group BAS170W Datasheet HTML 2Page - Siemens Semiconductor Group BAS170W Datasheet HTML 3Page - Siemens Semiconductor Group BAS170W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAS 170W
Semiconductor Group
4
Edition A01, 11.07.94
Forward current
I
F = f (TA *TS)
* Package mounted on epoxy
Permissible load
RthJS = f (tp)
mA
T
T
A
S
I
F
T
T
A
S
R thJS
t p
K/W
Permissible Pulse load
IFmax / IFDC= f (tp)
I
t p
Fmax
I
FDC
_____



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com