Electronic Components Datasheet Search
  English  ▼

X  

MJE51T Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJE51T
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE51T Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE51T Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE51T Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJE51T
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 25mA; IB= 0
250
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 2A
B
2.0
V
VBE(on)
Base-Emitter On Voltage
IC= 5A ; VCE= 10V
2.0
V
ICEO
Collector Cutoff Current
VCE= 150V; IB=0
1.0
mA
ICES
Collector Cutoff Current
VCE= 350V; VBE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
1.0
mA
hFE-1
DC Current Gain
IC= 0.3A ; VCE= 10V
30
hFE-2
DC Current Gain
IC= 5A ; VCE= 10V
5
COB
Output Capacitance
IE= 0 ; VCB= 10V; ftest=0.1MHz
150
pF
Switching times
ton
Turn-On Time
0.5
μs
toff
Turn-Off Time
IC= 2.5A , IB1= -IB2= 0.5A
VBE(off)= 5V; VCC= 125V
2.0
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com