Electronic Components Datasheet Search
  English  ▼

X  

MJE700T Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJE700T
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE700T Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE700T Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE700T Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
MJE700T
DESCRIPTION
isc Website:www.iscsemi.cn
·Collector–Emitter Breakdown Voltage—
: V(BR)CEO =-60 V
·DC Current Gain—
: hFE = 750(Min) @ IC=-1.5A
·Complement to Type MJE800T
APPLICATIONS
·Designed for general-purpose amplifier and low-speed
switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-4
A
IB
B
Base Current
-0.1
A
PC
Collector Power Dissipation
TC=25℃
50
W
Ti
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.5
℃/W


Similar Part No. - MJE700T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE700T MOSPEC-MJE700T Datasheet
194Kb / 4P
POWER TRANSISTORS(4.0A,60-80V,40W)
logo
Motorola, Inc
MJE700T MOTOROLA-MJE700T Datasheet
256Kb / 6P
4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
logo
ON Semiconductor
MJE700T ONSEMI-MJE700T Datasheet
256Kb / 6P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
New Jersey Semi-Conduct...
MJE700T NJSEMI-MJE700T Datasheet
81Kb / 2P
Plastic Darlington Complementary Silicon Power Transistors
More results

Similar Description - MJE700T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com