Electronic Components Datasheet Search
  English  ▼

X  

MJE802 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJE802
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE802 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE802 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE802 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJE802 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJE800/801/802/803
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJE800/801
60
V(BR)CEO
Collector-emitter
breakdown voltage
MJE802/803
IC=50mA;IB=0
80
V
MJE800/802
IC=1.5A ;IB=30mA
2.5
VCEsat-1
Collector-emitter
saturation voltage
MJE801/803
IC=2A ;IB=40mA
2.8
V
VCEsat-2
Collector-emitter saturation voltage
IC=4A ;IB=40mA
3.0
V
MJE800/802
IC=1.5A ; VCE=3V
VBE-1
Base-emitter
on voltage
MJE801/803
IC=2A ; VCE=3V
2.5
V
VBE-2
Base-emitter
on voltage
IC=4A ; VCE=3V
3.0
V
MJE800/801
VCE=60V; IB=0
ICEO
Collector
cut-off current
MJE802/803
VCE=80V; IB=0
100
μA
ICBO
Collector cut-off current
VCB=Rated BVCEO; IE=0
TC=100℃
100
500
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2
mA
MJE800/802
IC=1.5A ; VCE=3V
hFE-1
DC current gain
MJE801/803
IC=2A ; VCE=3V
750
hFE-2
DC current gain
IC=4A ; VCE=3V
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com