Electronic Components Datasheet Search
  English  ▼

X  

PIC10F322 Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC10F322
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322 Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC10F322 Datasheet HTML 103Page - Microchip Technology PIC10F322 Datasheet HTML 104Page - Microchip Technology PIC10F322 Datasheet HTML 105Page - Microchip Technology PIC10F322 Datasheet HTML 106Page - Microchip Technology PIC10F322 Datasheet HTML 107Page - Microchip Technology PIC10F322 Datasheet HTML 108Page - Microchip Technology PIC10F322 Datasheet HTML 109Page - Microchip Technology PIC10F322 Datasheet HTML 110Page - Microchip Technology PIC10F322 Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 107
PIC10(L)F320/322
18.0
PULSE-WIDTH MODULATION
(PWM) MODULE
The PWM module generates a Pulse-Width Modulated
signal determined by the duty cycle, period, and
resolution that are configured by the following registers:
•PR2
•T2CON
• PWMxDCH
• PWMxDCL
•PWMxCON
Figure 18-1 shows a simplified block diagram of PWM
operation.
Figure 18-2 shows a typical waveform of the PWM
signal.
FIGURE 18-1:
SIMPLIFIED PWM BLOCK DIAGRAM
For a step-by-step procedure on how to set up this
module for PWM operation, refer to Section 18.1.9
“Setup for PWM Operation using PWMx Pins”
.
FIGURE 18-2:
PWM OUTPUT
PWMxDCH
Comparator
TMR2
Comparator
PR2
(1)
R
Q
S
Duty Cycle registers
PWMxDCL<7:6>
Clear Timer,
PWMx pin and
latch Duty Cycle
Note 1:
8-bit timer is concatenated with the two Least Significant bits of 1/FOSC adjusted by the Timer2
prescaler to create a 10-bit time base.
Latched
(Not visible to user)
Q
Output Polarity (PWMxPOL)
TMR2 Module
0
1
PWMxOUT
to other peripherals: CLC and CWG
PWMx
Output Enable (PWMxOE)
TRIS Control
Period
Pulse Width
TMR2 = 0
TMR2 =
TMR2 = PR2
PWMxDCH<7:0>:PWMxDCL<7:6>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com