Electronic Components Datasheet Search
  English  ▼

X  

PIC10F322 Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC10F322
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322 Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC10F322 Datasheet HTML 104Page - Microchip Technology PIC10F322 Datasheet HTML 105Page - Microchip Technology PIC10F322 Datasheet HTML 106Page - Microchip Technology PIC10F322 Datasheet HTML 107Page - Microchip Technology PIC10F322 Datasheet HTML 108Page - Microchip Technology PIC10F322 Datasheet HTML 109Page - Microchip Technology PIC10F322 Datasheet HTML 110Page - Microchip Technology PIC10F322 Datasheet HTML 111Page - Microchip Technology PIC10F322 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 108
Preliminary
 2011 Microchip Technology Inc.
18.1
PWMx Pin Configuration
All PWM outputs are multiplexed with the PORT data
latch. The user must configure the pins as outputs by
clearing the associated TRIS bits.
18.1.1
FUNDAMENTAL OPERATION
The PWM module produces a 10-bit resolution output.
Timer2 and PR2 set the period of the PWM. The
PWMxDCL and PWMxDCH registers configure the
duty cycle. The period is common to all PWM modules,
whereas the duty cycle is independently controlled.
All PWM outputs associated with Timer2 are set when
TMR2 is cleared. Each PWMx is cleared when TMR2
is equal to the value specified in the corresponding
PWMxDCH (8 MSb) and PWMxDCL<7:6> (2 LSb)
registers. When the value is greater than or equal to
PR2, the PWM output is never cleared (100% duty
cycle).
18.1.2
PWM OUTPUT POLARITY
The output polarity is inverted by setting the PWMxPOL
bit of the PWMxCON register.
18.1.3
PWM PERIOD
The PWM period is specified by the PR2 register of
Timer2. The PWM period can be calculated using the
formula of Equation 18-1.
EQUATION 18-1:
PWM PERIOD
When TMR2 is equal to PR2, the following three events
occur on the next increment cycle:
•TMR2 is cleared
• The PWM output is active. (Exception: When the
PWM duty cycle = 0%, the PWM output will
remain inactive.)
• The PWMxDCH and PWMxDCL register values
are latched into the buffers.
18.1.4
PWM DUTY CYCLE
The PWM duty cycle is specified by writing a 10-bit value
to the PWMxDCH and PWMxDCL register pair. The
PWMxDCH register contains the eight MSbs and the
PWMxDCL<7:6>, the two LSbs. The PWMxDCH and
PWMxDCL registers can be written to at any time.
Equation 18-2 is used to calculate the PWM pulse
width.
Equation 18-3 is used to calculate the PWM duty cycle
ratio.
EQUATION 18-2:
PULSE WIDTH
EQUATION 18-3:
DUTY CYCLE RATIO
The 8-bit timer TMR2 register is concatenated with the
two Least Significant bits of 1/FOSC, adjusted by the
Timer2 prescaler to create the 10-bit time base. The
system clock is used if the Timer2 prescaler is set to 1:1.
Note:
Clearing the PWMxOE bit will relinquish
control of the PWMx pin.
Note:
The Timer2 postscaler is not used in the
determination of the PWM frequency. The
postscaler could be used to have a servo
update rate at a different frequency than the
PWM output.
Note:
The PWMxDCH and PWMxDCL registers
are double buffered. The buffers are updated
when Timer2 matches PR2. Care should be
taken to update both registers before the
timer match occurs.
PWM Period
PR2
 1
+
 4TOSC
=
(TMR2 Prescale Value)
Note:
TOSC = 1/FOSC
Note:
The Timer2 postscaler has no effect on the
PWM operation.
Pulse Width
PWM x DCH :PWMxDCL<7:6>

=
T OSC
(TMR2 Prescale Value)
Note:
TOSC = 1/FOSC
Duty Cycle Ratio
PW M xDC H:PWMxDCL<7:6>

4 PR2
1
+

-----------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com