Electronic Components Datasheet Search
  English  ▼

X  

LL41 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LL41
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL41 Datasheet(HTML) 3 Page - Vishay Siliconix

  LL41 Datasheet HTML 1Page - Vishay Siliconix LL41 Datasheet HTML 2Page - Vishay Siliconix LL41 Datasheet HTML 3Page - Vishay Siliconix LL41 Datasheet HTML 4Page - Vishay Siliconix LL41 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LL41
Document Number 85671
Rev. 1.6, 05-Aug-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Package Dimensions in millimeters (inches): MiniMELF SOD-80
Figure 3. Typical Forward Characteristics
0.01
0.1
100
10
1
1000
0
400
600
800
1000
1200
200
VF - Forward Voltage (mV)
18641
Tj = 125° C
°C
25
- 40 °C
Figure 4. Typical Capacitance vs. Reverse Voltage
20227
10
20
30
40
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
VR - Reverse Voltage (V)
1.0
0.5
0
15
25
35
5
Cathode indification
0.47 (0.019) max.
2.5 (0.098) max.
1.25 (0.49) min.
3.7 (0.146)
3.3 (0.130)
5 (0.197) ref.
Foot print recommendation:
*
* The gap between plug and glass can
be either on cathode or anode side
Document no.:6.560-5005.01-4
Rev. 8 - Date: 07.June.2006
96 12070



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com