Electronic Components Datasheet Search
  English  ▼

X  

MJF15031 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJF15031
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJF15031 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJF15031 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJF15031 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJF15031 Datasheet HTML 3Page - Inchange Semiconductor Company Limited MJF15031 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
MJF15031
DESCRIPTION
・
・With TO-220F package
・Complement to type MJE15028/30
・High transition frequency
・DC Current Gain Specified to 4.0 Amperes
hFE = 40 (Min) @ IC =- 3.0 Adc
hFE = 20 (Min) @ IC = -4.0 Adc
APPLICATIONS
・Designed for use as high–frequency
drivers in audio amplifiers.
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings (Tc=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-150
V
VCEO
Collector-emitter voltage
Open base
-150
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current (DC)
-8
A
ICM
Collector current-Peak
-16
A
IB
Base current
-2
A
Ta=25℃
2
PD
Total power dissipation
TC=25℃
36
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-C
Thermal resistance ; junction to case
3.5
℃/W
Rth j-A
Thermal resistance , junction to ambient
62.5
℃/W
Fig.1 simplified outline (TO-220F) and symbol


Similar Part No. - MJF15031

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJF15031 MOTOROLA-MJF15031 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
logo
ON Semiconductor
MJF15031 ONSEMI-MJF15031 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
1995
MJF15031 ONSEMI-MJF15031 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
Savantic, Inc.
MJF15031 SAVANTIC-MJF15031 Datasheet
229Kb / 4P
Silicon PNP Power Transistors
logo
ON Semiconductor
MJF15031 ONSEMI-MJF15031 Datasheet
139Kb / 6P
Complementary Power Transistors
July, 2008 ??Rev. 6
More results

Similar Description - MJF15031

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com