Electronic Components Datasheet Search
  English  ▼

X  

LPS600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LPS600
Description  Power Resistor for Mounting onto a Heatsink Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPS600 Datasheet(HTML) 3 Page - Vishay Siliconix

  LPS600 Datasheet HTML 1Page - Vishay Siliconix LPS600 Datasheet HTML 2Page - Vishay Siliconix LPS600 Datasheet HTML 3Page - Vishay Siliconix LPS600 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 50053
66
Revision: 27-Oct-10
LPS 600
Vishay Sfernice
Power Resistor for Mounting onto a Heatsink
Thick Film Technology
OVERLOADS
In any case the applied voltage must be lower than
UL = 5000 V.
Short time overload: 2 x
Pr/10 s
Accidental overload: The values indicated on the following
graph are applicable to resistors in air or mounted onto a
heatsink.
ENERGY CURVE
POWER RATING
The temperature of the case should be maintained within the
limits specified in the following figure.
To optimize the thermal conduction, contacting surfaces
should be coated with silicone grease or thermal film, and
heatsink mounting screws tightened to 2 Nm.
MARKING
Series, style, ohmic value (in
Ω), tolerance (in %),
manufacturing date, Vishay Sfernice trademark.
OVERLOAD DURATION IN s
10 000
1000
100
10
1
0.1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
BOTTOM CASE TEMPERATURE IN °C
100
80
60
40
20
0
0
50
100
150
200
85
155
PACKAGING
Box of 15 units
ORDERING INFORMATION
LPS
600
100 k
Ω
± 1 %
xxx
BO15
e
MODEL
STYLE
RESISTANCE
VALUE
TOLERANCE
± 1 %
± 2 %
± 5 %
± 10 %
CUSTOM
DESIGN
Optional
on request:
Special TCR,
shape etc.
PACKAGING
LEAD (Pb)-FREE
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
DIELECTRIC
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
LPS 600
L = Dielectric
strength 7 kV
H = Dielectric
strength 12 kV
The first three digits are
significant figures and the
last digit specifies the
number of zeros to follow. R
designates decimal point.
48R7 = 48.7
Ω
47R0 = 47
Ω
1001 = 1 k
Ω
4R70 = 4.7
Ω
R240 = 0.24
Ω
F = 1 %
G = 2 %
J = 5 %
K = 10 %
B = Box 15 pieces
As applicable
ZAx
60
0
H
4
7
R
J
S
0
P
0B
L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com