Electronic Components Datasheet Search
  English  ▼

X  

MJW16206 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJW16206
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJW16206 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJW16206 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJW16206 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJW16206 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
MJW16206
DESCRIPTION
・
・With TO-247 package
・High voltage ,high speed
・Low collector saturation voltage
APPLICATIONS
・Designed for use in horizontal deflection
circuits for high and every high resolution,
monochrome and color CRT monitors
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Tc=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
1200
V
VCEO
Collector-emitter voltage
Open base
500
V
VEBO
Emitter-base voltage
Open collector
8
V
IC
Collector current
12
A
ICM
Collector current-peak
15
A
IB
Base current
5.0
A
IBM
Base current-peak
10
A
PD
Total power dissipation
TC=25℃
TC=100℃
150
39
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-C
Thermal resistance junction to case
0.67
℃/W
Fig.1 simplified outline (TO-247) and symbol


Similar Part No. - MJW16206

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW16206 MOTOROLA-MJW16206 Datasheet
342Kb / 10P
POWER TRANSISTORS 12 AMPERES 1200 VOLTS - VCES 50 and 150 WATTS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
POWER TRANSISTORS
REV 3
logo
Savantic, Inc.
MJW16206 SAVANTIC-MJW16206 Datasheet
119Kb / 3P
Silicon NPN Power Transistors
MJW16206 SAVANTIC-MJW16206 Datasheet
120Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - MJW16206

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com