Electronic Components Datasheet Search
  English  ▼

X  

MSP3V3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MSP3V3
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP3V3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MSP3V3 Datasheet HTML 1Page - Vishay Siliconix MSP3V3 Datasheet HTML 2Page - Vishay Siliconix MSP3V3 Datasheet HTML 3Page - Vishay Siliconix MSP3V3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 88486
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-Apr-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
MSP3V3
Vishay General Semiconductor
New Product
Fig. 3 - Relative Variation of Leakage Current vs.
Junction Temperature
Fig. 4 - Typical Peak Forward Voltage Drop vs.
Peak Forward Current
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
50
60
70
40
30
20
10
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
10
1
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VF - Forward Voltage Drop (V)
T
J = 150 °C
T
J = 25 °C
100
200
300
400
500
600
700
800
900
1000
1
02
3
4
Reverse Voltage (V)
1000
100
10
1
0.1
0.01
1
10
100
1000
t - Pulse Duration (s)
0.106 (2.70)
0.091 (2.30)
0.055 (1.40)
0.047 (1.20)
Cathode Band
MicroSMP
0.030 (0.75)
0.022 (0.55)
0.030 (0.75)
0.022 (0.55)
0.059 (1.50)
0.043 (1.10)
0.039 (0.98)
0.031 (0.78)
0.091 (2.30)
0.083 (2.10)
0.020 (0.50)
0.043
(1.10)
0.011 (0.27)
0.005 (0.12)
0.079
(2.00)
0.032
(0.80)
0.032
(0.80)
Mounting Pad Layout
0.029 (0.73)
0.025 (0.63)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com