Electronic Components Datasheet Search
  English  ▼

X  

MBRB2045CTP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRB2045CTP
Description  Schottky Rectifier, 2 x 10 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB2045CTP Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRB2045CTP Datasheet HTML 1Page - Vishay Siliconix MBRB2045CTP Datasheet HTML 2Page - Vishay Siliconix MBRB2045CTP Datasheet HTML 3Page - Vishay Siliconix MBRB2045CTP Datasheet HTML 4Page - Vishay Siliconix MBRB2045CTP Datasheet HTML 5Page - Vishay Siliconix MBRB2045CTP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94305
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 16-Mar-10
1
Schottky Rectifier, 2 x 10 A
VS-MBRB20..CTPbF, VS-MBR20..CT-1PbF Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Center tap D2PAK and TO-262 packages
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION
This center tap Schottky rectifier has been optimized for
low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 10 A
VR
35 V/45 V
IRM
15 mA at 125 °C
VS-MBRB20..CTPbF
D2PAK
TO-262
VS-MBR20..CT-1PbF
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform (per device)
20
A
IFRM
TC = 135 °C (per leg)
20
VRRM
35/45
V
IFSM
tp = 5 μs sine
1060
A
VF
10 Apk, TJ = 125 °C
0.57
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-MBRB2035CTPbF
VS-MBR2035CT-1PbF
VS-MBRB2045CTPbF
VS-MBR2045CT-1PbF
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM


Similar Part No. - MBRB2045CTP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB2045CTP VISHAY-MBRB2045CTP Datasheet
138Kb / 6P
Schottky Rectifier, 2 x 10 A
14-Aug-08
MBRB2045CTPBF VISHAY-MBRB2045CTPBF Datasheet
138Kb / 6P
Schottky Rectifier, 2 x 10 A
14-Aug-08
MBRB2045CTPBF VISHAY-MBRB2045CTPBF Datasheet
170Kb / 8P
Schottky Rectifier, 2 x 10 A
16-Jan-12
More results

Similar Description - MBRB2045CTP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 10 A
13-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
Schottky Rectifier, 2 x 10 A
14-Aug-08
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
Schottky Rectifier, 2 x 10 A
08-Oct-08
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
Schottky Rectifier, 2 x 10 A
05-Oct-09
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
Schottky Rectifier, 2 x 10 A
16-Mar-10
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
Schottky Rectifier, 2 x 10 A
04-Dec-13
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
Schottky Rectifier, 2 x 10 A
12-Mar-10
VS-MBR20CTKPBF VISHAY-VS-MBR20CTKPBF Datasheet
176Kb / 7P
Schottky Rectifier, 2 x 10 A
29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com