Electronic Components Datasheet Search
  English  ▼

X  

P103 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P103
Description  Passivated Assembled Circuit Elements, 25 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P103 Datasheet(HTML) 4 Page - Vishay Siliconix

  P103 Datasheet HTML 1Page - Vishay Siliconix P103 Datasheet HTML 2Page - Vishay Siliconix P103 Datasheet HTML 3Page - Vishay Siliconix P103 Datasheet HTML 4Page - Vishay Siliconix P103 Datasheet HTML 5Page - Vishay Siliconix P103 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93754
4
Revision: 04-Nov-09
P100 Series
Vishay High Power Products
Passivated Assembled
Circuit Elements, 25 A
Fig. 1 - Current Ratings Nomogram (1 Module Per Heatsink)
Fig. 2 - On-State Power Loss Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Voltage Drop Characteristics
Total Output Current (A)
510
15
20
25
0
0
60
50
40
30
20
10
93754_01a
~
+
-
180°
(sine)
T
J = 125 °C
Maximum Allowable
Ambient Temperature (°C)
25
75
50
100
125
0
60
50
40
30
20
10
0
93754_01b
R
th
SA =
15
K/W
- Δ
R
2 K/W
3 K/W
7 K/W
10 K/W
5 K/W
Average On-State Current (A)
10
15
05
15
10
5
0
93754_02
180°
120°
90°
60°
30°
RMS limit
Ø
Conduction angle
T
J = 125 °C
Per junction
Average On-State Current (A)
20
010
15
5
20
10
15
5
0
93754_03
DC
180°
120°
90°
60°
30°
RMS limit
T
J = 125 °C
Per junction
Conduction period
Ø
Total Output Current (A)
10
20
515
25
30
0
70
80
90
100
110
120
130
93754_04
180°
(Sine)
180°
(Rect.)
Fully turned-on
Per module
Instantaneous On-State Voltage (V)
0123456
1
100
10
1000
93754_05
T
J = 25 °C
T
J = 125 °C
Per junction



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com