Electronic Components Datasheet Search
  English  ▼

X  

P402 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P402
Description  Passivated Assembled Circuit Elements, 40 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P402 Datasheet(HTML) 1 Page - Vishay Siliconix

  P402 Datasheet HTML 1Page - Vishay Siliconix P402 Datasheet HTML 2Page - Vishay Siliconix P402 Datasheet HTML 3Page - Vishay Siliconix P402 Datasheet HTML 4Page - Vishay Siliconix P402 Datasheet HTML 5Page - Vishay Siliconix P402 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93755
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 05-Nov-09
1
Passivated Assembled Circuit Elements, 40 A
P400 Series
Vishay High Power Products
FEATURES
• Glass passivated junctions for greater reliability
• Electrically isolated base plate
• Available up to 1200 VRRM/VDRM
• High dynamic characteristics
• Wide choice of circuit configurations
• Simplified mechanical design and assembly
• UL E78996 approved
• Compliant to RoHS directive 2002/95/EC
DESCRIPTION
The P400 series of integrated power circuits consists of
power thyristors and power diodes configured in a single
package. With its isolating base plate, mechanical designs
are greatly simplified giving advantages of cost reduction
and reduced size.
Applications include power supplies, control circuits and
battery chargers.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IO
40 A
PACE-PAK (D-19)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IO
80 °C
40
A
ITSM,
IFSM
50 Hz
385
A
60 Hz
400
I2t
50 Hz
745
A2s
60 Hz
680
I2
√t
7450
A2
√s
VRRM
Range
400 to 1200
V
VISOL
2500
V
TJ
- 40 to 125
°C
TStg
VOLTAGE RATINGS
TYPE
NUMBER
VRRM/VDRM, MAXIMUM
REPETITIVE PEAK REVERSE AND
PEAK OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ MAXIMUM
mA
P401, P421, P431
400
500
10
P402, P422, P432
600
700
P403, P423, P433
800
900
P404, P424, P434
1000
1100
P405, P425, P435
1200
1300


Similar Part No. - P402

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P402 IRF-P402 Datasheet
90Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Coilcraft lnc.
P402 COILCRAFT-P402 Datasheet
100Kb / 1P
Designer’s Kits
logo
MPS Industries, Inc.
P4020 MPSIND-P4020 Datasheet
363Kb / 1P
VERTICAL PCB MOUNT CURRENT TRANFSORMER
P4020-102 MPSIND-P4020-102 Datasheet
363Kb / 1P
VERTICAL PCB MOUNT CURRENT TRANFSORMER
P4020-202 MPSIND-P4020-202 Datasheet
363Kb / 1P
VERTICAL PCB MOUNT CURRENT TRANFSORMER
More results

Similar Description - P402

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P100 IRF-P100 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P400 IRF-P400 Datasheet
90Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P101KW IRF-P101KW Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P100 VISHAY-P100 Datasheet
179Kb / 6P
Passivated Assembled Circuit Elements, 25 A
04-Nov-09
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
VS-P100 VISHAY-VS-P100 Datasheet
198Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 25 A
27-Mar-14
VS-P400 VISHAY-VS-P400 Datasheet
141Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 40 A
27-Mar-14
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 40 A
27-Jul-2018
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 25 A
27-Jul-2018
VS-P400 VISHAY-VS-P400_V02 Datasheet
136Kb / 8P
Power Modules, Passivated Assembled Circuit Elements, 40 A
27-Jul-2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com