Electronic Components Datasheet Search
  English  ▼

X  

P133 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P133
Description  Passivated Assembled Circuit Elements, 25 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P133 Datasheet(HTML) 2 Page - Vishay Siliconix

  P133 Datasheet HTML 1Page - Vishay Siliconix P133 Datasheet HTML 2Page - Vishay Siliconix P133 Datasheet HTML 3Page - Vishay Siliconix P133 Datasheet HTML 4Page - Vishay Siliconix P133 Datasheet HTML 5Page - Vishay Siliconix P133 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93754
2
Revision: 04-Nov-09
P100 Series
Vishay High Power Products
Passivated Assembled
Circuit Elements, 25 A
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum DC output current
at case temperature
IO
Full bridge
25
A
85
°C
Maximum peak, one-cycle
non-repetitive on-state or
forward current
ITSM,
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
357
A
t = 8.3 ms
375
t = 10 ms
100 % VRRM
reapplied
300
t = 8.3 ms
315
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
637
A2s
t = 8.3 ms
580
t = 10 ms
100 % VRRM
reapplied
450
t = 8.3 ms
410
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
I2t for time tx = I2
√t · √tx
6365
A2
√s
Maximum value of
threshold voltage
VT(TO)
TJ = 125 °C
0.82
V
Maximum level value of on-state
slope resistance
rt1
TJ = 125 °C, average power = VT(TO) x IT(AV) + rt + (IT(RMS))2
12
m
Ω
Maximum on-state voltage drop
VTM
ITM =
π x IT(AV)
TJ = 25 °C
1.35
V
Maximum forward voltage drop
VFM
IFM =
π x IF(AV)
Maximum non-repetitive rate of
rise of turned-on current
dI/dt
TJ = 125 °C from 0.67 VDRM
ITM =
π x IT(AV), Ig = 500 mA, tr < 0.5 μs, tp > 6 μs
200
A/μs
Maximum holding current
IH
TJ = 25 °C anode supply = 6 V, resistive load, gate open
130
mA
Maximum latching current
IL
TJ = 25 °C anode supply = 6 V, resistive load
250
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of
off-state voltage
dV/dt
TJ = 125 °C, exponential to 0.67 VDRM gate open
200
V/μs
Maximum peak reverse
and off-state leakage current
at VRRM, VDRM
IRRM,
IDRM
TJ = 125 °C, gate open circuit
10
mA
Maximum peak reverse
leakage current
IRRM
TJ = 25 °C
100
μA
RMS isolation voltage
VISOL
50 Hz, circuit to base, all terminals shorted,
TJ = 25 °C, t = 1 s
2500
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com