Electronic Components Datasheet Search
  English  ▼

X  

PB4010 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PB4010
Description  Enhanced PowerBridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PB4010 Datasheet(HTML) 1 Page - Vishay Siliconix

  PB4010 Datasheet HTML 1Page - Vishay Siliconix PB4010 Datasheet HTML 2Page - Vishay Siliconix PB4010 Datasheet HTML 3Page - Vishay Siliconix PB4010 Datasheet HTML 4Page - Vishay Siliconix PB4010 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PB4006 thru PB4010
Vishay General Semiconductor
Document Number: 84808
Revision: 15-Mar-11
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
www.vishay.com
1
New Product
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Enhanced PowerBridge® Rectifiers
FEATURES
• UL recognition file number E312394
(QQQX2) UL 1557 (see *)
• Enhanced high-current density single
in-line package
• Superior thermal conductivity
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
rectification
for
switching
power
supply,
home
appliances and white-goods applications.
MECHANICAL DATA
Case: PB
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7 cm-kg (5 inches-lbs)
* Tested to UL standard for safety electrically isolated semiconductor
devices. UL 1557 4th edition.
Dielectric tested to maximum case, storage and junction
temperature to 150 °C to withstand 1500 V.
Epoxy meets UL 94 V-0 flammability rating.
PRIMARY CHARACTERISTICS
IF(AV)
40 A
VRRM
600 V, 800 V, 1000 V
IFSM
400 A
IR
10 µA
VF at IF = 20 A
0.94 V
TJ max.
150 °C
+
~
~
-
Case Style PB
+~
~
-
-
~
~
+
~
~
PowerBridge®
Notes
(1) With heatsink
(2) Without heatsink, free air
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
PB4006
PB4008
PB4010
UNIT
Maximum repetitive peak reverse voltage
VRRM
600
800
1000
V
Average rectified forward current (Fig. 1, 2)
TC = 87 °C
(1)
TA = 25 °C
(2)
IO
40
4.4
A
Non-repetitive peak forward surge current
8.3 ms single sine-wave, TJ = 25 °C
IFSM
400
A
Rating for fusing (t < 8.3 ms) TJ = 25 °C
I2t
664
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - PB4010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PB4010 VISHAY-PB4010 Datasheet
98Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
07-Feb-12
PB4010 VISHAY-PB4010 Datasheet
127Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
25-Mar-2021
PB4010-E3/45 VISHAY-PB4010-E3/45 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
More results

Similar Description - PB4010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU1006 VISHAY-BU1006 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU1006A VISHAY-BU1006A_11 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU1206 VISHAY-BU1206 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU1506 VISHAY-BU1506 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU2006 VISHAY-BU2006 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU2506 VISHAY-BU2506 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB3006 VISHAY-PB3006 Datasheet
93Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB3506 VISHAY-PB3506 Datasheet
94Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB5006 VISHAY-PB5006 Datasheet
93Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
logo
Rectron Semiconductor
RBUH2506M RECTRON-RBUH2506M Datasheet
261Kb / 6P
Enhanced PowerBRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25.0 Amperes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com