Electronic Components Datasheet Search
  English  ▼

X  

MBR20100CTP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR20100CTP
Description  Schottky Rectifier, 2 x 10 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR20100CTP Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR20100CTP Datasheet HTML 1Page - Vishay Siliconix MBR20100CTP Datasheet HTML 2Page - Vishay Siliconix MBR20100CTP Datasheet HTML 3Page - Vishay Siliconix MBR20100CTP Datasheet HTML 4Page - Vishay Siliconix MBR20100CTP Datasheet HTML 5Page - Vishay Siliconix MBR20100CTP Datasheet HTML 6Page - Vishay Siliconix MBR20100CTP Datasheet HTML 7Page - Vishay Siliconix MBR20100CTP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94306
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 16-Mar-10
1
Schottky Rectifier, 2 x 10 A
VS-MBRB20...CTPbF, VS-MBR20...CT-1PbF Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Center tap D2PAK and TO-262 packages
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION
This center tap Schottky rectifier has been optimized for
low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 10 A
VR
80 V to 100 V
VS-MBRB20...CTPbF
D2PAK
TO-262
VS-MBR20 ...CT-1PbF
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform (per device)
20
A
IFRM
TC = 133 °C (per leg)
20
VRRM
80 to 100
V
IFSM
tp = 5 μs sine
850
A
VF
10 Apk, TJ = 125 °C
0.70
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL VS-MBRB2080CTPbF
VS-MBR2080CT-1PbF
VS-MBRB2090CTPbF
VS-MBR2090CT-1PbF
VS-MBRB20100CTPbF
VS-MBR20100CT-1PbF UNITS
Maximum DC reverse voltage
VR
80
90
100
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
TC = 133 °C, rated VR
10
A
per device
20
Peak repetitive forward current per leg
IFRM
Rated VR, square wave, 20 kHz, TC = 133 °C
20
Non-repetitive peak surge current
IFSM
5 μs sine or
3 μs rect. pulse
Following any rated load ondition
and with rated VRRM applied
850
Surge applied at rated load conditions halfwave,
single phase, 60 Hz
150
Peak repetitive reverse surge current
IRRM
2.0 μs, 1.0 kHz
0.5
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 2 A, L = 12 mH
24
mJ


Similar Part No. - MBR20100CTP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR20100CTP DIODES-MBR20100CTP Datasheet
73Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
DS31413 Rev. 8 - 2
logo
Sangdest Microelectroni...
MBR20100CTP SMC-MBR20100CTP Datasheet
180Kb / 7P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR20100CTP DIODES-MBR20100CTP Datasheet
98Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
Rev 11
logo
Littelfuse
MBR20100CTP LITTELFUSE-MBR20100CTP Datasheet
1Mb / 3P
Low forward voltage drop
logo
Thinki Semiconductor Co...
MBR20100CTP THINKISEMI-MBR20100CTP Datasheet
498Kb / 3P
20 Ampere Heatsink Electrically Isolated Dual Common Cathode Schottky Barrier Rectifiers
More results

Similar Description - MBR20100CTP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 10 A
13-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
Schottky Rectifier, 2 x 10 A
14-Aug-08
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
Schottky Rectifier, 2 x 10 A
08-Oct-08
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
Schottky Rectifier, 2 x 10 A
05-Oct-09
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
Schottky Rectifier, 2 x 10 A
16-Mar-10
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
Schottky Rectifier, 2 x 10 A
16-Mar-10
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
Schottky Rectifier, 2 x 10 A
04-Dec-13
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
Schottky Rectifier, 2 x 10 A
12-Mar-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com