Electronic Components Datasheet Search
  English  ▼

X  

P405 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P405
Description  Passivated Assembled Circuit Elements, 40 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P405 Datasheet(HTML) 5 Page - Vishay Siliconix

  P405 Datasheet HTML 1Page - Vishay Siliconix P405 Datasheet HTML 2Page - Vishay Siliconix P405 Datasheet HTML 3Page - Vishay Siliconix P405 Datasheet HTML 4Page - Vishay Siliconix P405 Datasheet HTML 5Page - Vishay Siliconix P405 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93755
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 05-Nov-09
5
P400 Series
Passivated Assembled
Circuit Elements, 40 A
Vishay High Power Products
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Thermal Impedance ZthJC Characteristics
Fig. 9 - Gate Characteristics
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
150
175
200
300
250
325
275
225
350
93755_06
Per junction
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
Pulse Train Duration (s)
0.1
1
0.01
150
200
250
300
350
400
93755_07
Maximum non-repetitive surge current
versus pulse train duration. Control of
conduction may not be maintained.
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
Per junction
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
93755_08
Steady state value
R
thJC = 1.05 K/W
(DC operation)
Per junction
0.1
1
10
100
0.001
93755_09
Instantaneous Gate Current (A)
0.01
0.1
1
10
100
(1)
(2)
(3)
(4)
(1) P
GM = 10 W, tp = 5 ms
(2) P
GM = 20 W, tp = 25 ms
(3) P
GM = 50 W, tp = 1 ms
(4) P
GM = 100 W, tp = 500 μs
Frequency limited by P
G(AV)
(b)
(a)
V
GD
I
GD
Rectangular gate pulse
(a) Recommended load line for
rated dI/dt: 10 V, 20
Ω, t
r ≤ 1 μs
(b) Recommended load line for
rated dI/dt: 10 V, 65
Ω, t
r ≤ 1 μs
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95335



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com