Electronic Components Datasheet Search
  English  ▼

X  

SF5401 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SF5401
Description  Ultra-Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF5401 Datasheet(HTML) 3 Page - Vishay Siliconix

  SF5401 Datasheet HTML 1Page - Vishay Siliconix SF5401 Datasheet HTML 2Page - Vishay Siliconix SF5401 Datasheet HTML 3Page - Vishay Siliconix SF5401 Datasheet HTML 4Page - Vishay Siliconix SF5401 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 86061
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.8, 25-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
93
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SF5400,SF5401,SF5402, SF5403, SF5404, SF5405,SF5406, SF5407, SF5408
Ultra-Fast Avalanche Sinterglass
Diode
Vishay Semiconductors
Fig. 3 - Max. Average Forward Current vs. Ambient Temperature
Fig. 4 - Max. Average Forward Current vs. Ambient Temperature
Fig. 5 - Max. Average Forward Current vs. Ambient Temperature
Fig. 6 - Max. Forward Current vs. Forward Voltage
Fig. 7 - Max. Forward Current vs. Forward Voltage
Fig. 8 - Max. Reverse Current vs. Junction Temperature
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
20
40
60
80 100 120 140 160 180
96 12133
V
R = VRRM
f
≤ 1 kHz
R
thJA ≤ 70 K/W
PC board
SF5405 to SF5408
Tamb - Ambient Temperature (°C)
96 12061
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
20
40
60
80 100 120 140 160 180
V
R = VRRM
f
≤ 1 kHz
R
thJA ≤ 25 K/W
l = 10 mm
SF5400 to SF5404
Tamb - Ambient Temperature (°C)
96 12062
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
20
40
60
80 100 120 140 160 180
Tamb - Ambient Temperature (°C)
SF5405 to SF5408
V
R = VRRM
f
≤ 1 kHz
R
thJA ≤ 25 K/W
l = 10 mm
0.001
0.01
0.1
1
10
100
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
96 12057
VF - Forward Voltage (V)
SF5400 to SF5404
T
j = 175 °C
T
j = 25 °C
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
96 12059
VF - Forward Voltage (V)
SF5405 to SF5408
T
j = 175 °C
T
j = 25 °C
96 12065
1
10
100
1000
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
SF5400 to SF5408
V
R = VRRM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com