Electronic Components Datasheet Search
  English  ▼

X  

SF5402 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SF5402
Description  Ultra-Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF5402 Datasheet(HTML) 2 Page - Vishay Siliconix

  SF5402 Datasheet HTML 1Page - Vishay Siliconix SF5402 Datasheet HTML 2Page - Vishay Siliconix SF5402 Datasheet HTML 3Page - Vishay Siliconix SF5402 Datasheet HTML 4Page - Vishay Siliconix SF5402 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 86061
92
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Rev. 1.8, 25-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SF5400, SF5401, SF5402, SF5403, SF5404, SF5405, SF5406,SF5407,SF5408
Vishay Semiconductors
Ultra-Fast Avalanche Sinterglass
Diode
TYPICAL CHARACTERISTICS (Tamb = 25 C, unless otherwise specified)
Fig. 1 - Max. Thermal Resistance vs. Lead Length
Fig. 2 - Max. Average Forward Current vs. Ambient Temperature
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
25
K/W
On PC board with spacing 25 mm
RthJA
70
K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 3 A
SF5400
VF
--
1.1
V
SF5401
VF
--
1.1
V
SF5402
VF
--
1.1
V
SF5403
VF
--
1.1
V
SF5404
VF
--
1.1
V
SF5405
VF
--
1.7
V
SF5406
VF
--
1.7
V
SF5407
VF
--
1.7
V
SF5408
VF
--
1.7
V
Reverse current
VR = VRRM
IR
--
5
μA
VR = VRRM, Tj = 125 °C
IR
-
-
50
μA
Reverse breakdown voltage
IR = 100 μA
SF5400
V(BR)R
60
-
-
V
SF5401
V(BR)R
110
-
-
V
SF5402
V(BR)R
220
-
-
V
SF5403
V(BR)R
330
-
-
V
SF5404
V(BR)R
440
-
-
V
SF5405
V(BR)R
550
-
-
V
SF5406
V(BR)R
660
-
-
V
SF5407
V(BR)R
880
-
-
V
SF5408
V(BR)R
1100
-
-
V
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
SF5400
trr
-
-
50
ns
SF5401
trr
-
-
50
ns
SF5402
trr
-
-
50
ns
SF5403
trr
-
-
50
ns
SF5404
trr
-
-
50
ns
SF5405
trr
-
-
75
ns
SF5406
trr
-
-
75
ns
SF5407
trr
-
-
75
ns
SF5408
trr
-
-
75
ns
0
10
20
30
40
15
10
5
0
202530
l - Lead Length (mm)
949548
ll
T
L = constant
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
20
40
60
80 100 120 140 160 180
96 12132
Tamb - Ambient Temperature (°C)
V
R = VRRM
f
≤ 1 kHz
R
thJA ≤ 70 K/W
PC board
SF5400 to SF5404



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com