Electronic Components Datasheet Search
  English  ▼

X  

BAT63 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAT63
Description  Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT63 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT63 Datasheet HTML 1Page - Siemens Semiconductor Group BAT63 Datasheet HTML 2Page - Siemens Semiconductor Group BAT63 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
1
10.94
Type
Ordering Code
Pin Configuration
Marking
Package
(tape and reel)
1
2
3
4
BAT 63
Q62702-A1004
A1
C2
A2
C1
63
SOT-143
Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse voltage
V
R
3V
Forward current
I
F
100
mA
Junction temperature
T
j
150
°C
Storage temperature range
T
stg
– 55 … + 150
°C
Thermal Resistance
Junction-ambient1)
R
th JA
≤ 450
K/W
1) Package mounted on aluminum 15 mm x 16.7 mm x 0.7 mm.
Silicon Schottky Diode
BAT 63
q
Low barrier diode for mixer and detectors up to
GHz frequencies


Similar Part No. - BAT63

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT63-02V INFINEON-BAT63-02V Datasheet
853Kb / 9P
Silicon Schottky Diode
2009-03-11
BAT63-02V INFINEON-BAT63-02V Datasheet
889Kb / 9P
Silicon Schottky Diode
2011-06-15
BAT63-02V INFINEON-BAT63-02V Datasheet
889Kb / 9P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT63-07W INFINEON-BAT63-07W Datasheet
853Kb / 9P
Silicon Schottky Diode
2009-03-11
More results

Similar Description - BAT63

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT30 SIEMENS-BAT30 Datasheet
247Kb / 2P
silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
logo
Agilent(Hewlett-Packard...
423B HP-423B Datasheet
372Kb / 4P
Low Barrier Schottky Diode Detectors
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com