Electronic Components Datasheet Search
  English  ▼

X  

NTBA104 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # NTBA104
Description  Dual supply translating transceiver; auto direction sensing; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTBA104 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button NTBA104 Datasheet HTML 9Page - NXP Semiconductors NTBA104 Datasheet HTML 10Page - NXP Semiconductors NTBA104 Datasheet HTML 11Page - NXP Semiconductors NTBA104 Datasheet HTML 12Page - NXP Semiconductors NTBA104 Datasheet HTML 13Page - NXP Semiconductors NTBA104 Datasheet HTML 14Page - NXP Semiconductors NTBA104 Datasheet HTML 15Page - NXP Semiconductors NTBA104 Datasheet HTML 16Page - NXP Semiconductors NTBA104 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
NTBA104
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 6 December 2011
13 of 24
NXP Semiconductors
NTBA104
Dual supply translating transceiver; auto direction sensing; 3-state
[1]
VCCI is the supply voltage associated with the input and VCCO is the supply voltage associated with the output.
Measurement points are given in Table 13.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
Enable and disable times
aaa-001619
GND
VCCO
VOL
outputs
enabled
VI
GND
VM
tPLZ
VX
VY
VOH
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
tPHZ
outputs
enabled
outputs
disabled
VM
tPZH
VM
tPZL
Table 13.
Measurement points[1]
Supply voltage
Input
Output
VCCO
VM
VM
VX
VY
1.2 V
0.5VCCI
0.5VCCO
VOL + 0.1 V
VOH  0.1 V
1.5 V
 0.1 V
0.5VCCI
0.5VCCO
VOL + 0.1 V
VOH  0.1 V
1.8 V
 0.15 V
0.5VCCI
0.5VCCO
VOL + 0.15 V
VOH  0.15 V
2.5 V
 0.2 V
0.5VCCI
0.5VCCO
VOL + 0.15 V
VOH  0.15 V
3.3 V
 0.3 V
0.5VCCI
0.5VCCO
VOL + 0.3 V
VOH  0.3 V
5.0 V
 0.5 V
0.5VCCI
0.5VCCO
VOL + 0.3 V
VOH  0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com