Electronic Components Datasheet Search
  English  ▼

X  

UBA2080 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UBA2080
Description  Half-bridge driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2080 Datasheet(HTML) 3 Page - NXP Semiconductors

  UBA2080 Datasheet HTML 1Page - NXP Semiconductors UBA2080 Datasheet HTML 2Page - NXP Semiconductors UBA2080 Datasheet HTML 3Page - NXP Semiconductors UBA2080 Datasheet HTML 4Page - NXP Semiconductors UBA2080 Datasheet HTML 5Page - NXP Semiconductors UBA2080 Datasheet HTML 6Page - NXP Semiconductors UBA2080 Datasheet HTML 7Page - NXP Semiconductors UBA2080 Datasheet HTML 8Page - NXP Semiconductors UBA2080 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
UBA2080_UBA2081
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 6 December 2011
3 of 15
NXP Semiconductors
UBA2080/1
Half-bridge driver IC
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
UBA2080X: Pin
configuration DIP8 and
SO8 package
Fig 4.
UBA2080AT: Pin
configuration SO14
package
Fig 5.
UBA2081X: Pin
configuration DIP8 and
SO8 package
UBA2080
VDD
GL
GND
SH
LIN
GH
HIN
FS
aaa-001121
1
2
3
4
6
5
8
7
aaa-001134
UBA2080AT
GND
SEL
GND
GND
SD/LIN
VDD
GND
GL
CLK/HIN
GND
FS
GND
GH
SH
1
2
3
4
5
6
7
8
10
9
12
11
14
13
UBA2081
VDD
GL
GND
SH
SD
GH
CLK
FS
aaa-001126
1
2
3
4
6
5
8
7
Table 2.
Pin description UBA2080X/1X DIP8 and SO8
Symbol
Pin
Description
UBA2080X
(DIP8/SO8)
UBA2081X
(DIP8/SO8)
VDD
1
IC supply
GND
2
IC ground and low-side driver return
LIN
3
-
low-side driver logic input
SD
-
3
low-side driver logic input
HIN
4
-
high-side driver logic input
CLK
-
4
high-side driver logic input
FS
5
floating supply voltage
GH
6
high-side MOSFET gate
SH
7
high-side MOSFET source
GL
8
low-side MOSFET gate
Table 3.
Pin description UBA2080AT (SO14)
Symbol
Pin
Description
GND
1, 2, 4, 9, 10, 13
IC ground and low side driver return
SD/LIN
3
low-side driver logic input
CLK/HIN
5
high-side driver logic input
FS
6
floating supply voltage
SH
8
high-side MOSFET source
GH
7
high-side MOSFET gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com