Electronic Components Datasheet Search
  English  ▼

X  

MAX15070A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15070A
Description  7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15070A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15070A Datasheet HTML 1Page - Maxim Integrated Products MAX15070A Datasheet HTML 2Page - Maxim Integrated Products MAX15070A Datasheet HTML 3Page - Maxim Integrated Products MAX15070A Datasheet HTML 4Page - Maxim Integrated Products MAX15070A Datasheet HTML 5Page - Maxim Integrated Products MAX15070A Datasheet HTML 6Page - Maxim Integrated Products MAX15070A Datasheet HTML 7Page - Maxim Integrated Products MAX15070A Datasheet HTML 8Page - Maxim Integrated Products MAX15070A Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
7A Sink, 3A Source,
12ns, SOT23 MOSFET Drivers
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND.)
V+, IN+, IN- .......................................................... -0.3V to +16V
N_OUT, P_OUT ...........................................-0.3V to (V+ + 0.3V)
N_OUT Continuous Output Current (Note 1) ................. -200mA
P_OUT Continuous Output Current (Note 1) ................ +125mA
Continuous Power Dissipation (TA = +70NC)
SOT23 (derate 8.7mW/NC above +70NC).................. 696mW*
Operating Temperature Range ...................... -40NC to +125NC
Junction Temperature ................................................... +150NC
Storage Temperature Range........................... -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(V+ = +12V, CL = 0F, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC. Parameters specified at
V+ = +4.5V apply to the MAX15070A only; see Figure 1.) (Note 3)
ABSOLUTE MAXIMUM RATINGS
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
SOT23
Junction-to-Ambient Thermal Resistance (BJA) ........115NC/W
Junction-to-Case Thermal Resistance (BJC) .................. 80NC/W
PACKAGE THERMAL CHARACTERISTICS (Note 2)
*As per JEDEC 51 standard.
Note 1: Continuous output current is limited by the power dissipation of the package.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY (V+)
Input Voltage Range
MAX15070A
4
14
V
MAX15070B
6
14
Undervoltage Lockout
VUVLO V+ rising
3.3
3.45
3.6
V
Undervoltage-Lockout
Hysteresis
200
mV
Undervoltage Lockout to Output
Rising Delay
V+ rising
100
F
s
Undervoltage Lockout to Output
Falling Delay
V+ falling
2
F
s
Supply Current
IV+
V+ = 14V, no switching
0.5
1
mA
V+ = 14V, switching at 1MHz
2.3
n-CHANNEL OUTPUT (N_OUT)
N_OUT Resistance
RN_OUT
V+ = +12V,
IN_OUT = -100mA
TA = +25NC
0.256
0.32
I
TA = +125NC
0.45
V+ = +4.5V,
IN_OUT = -100mA
TA = +25NC
0.268
0.33
TA = +125NC
0.465
Power-Off Pulldown Resistance
V+ = unconnected, IN_OUT = -1mA, TA = +25NC
1.3
1.9
kI
Output Bias Current
IBIASN
VN_OUT = V+
6
11
F
A
Peak Output Current
IPEAKN CL = 22nF
7.0
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com