Electronic Components Datasheet Search
  English  ▼

X  

MAX17498B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17498B
Description  AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17498B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17498B Datasheet HTML 1Page - Maxim Integrated Products MAX17498B Datasheet HTML 2Page - Maxim Integrated Products MAX17498B Datasheet HTML 3Page - Maxim Integrated Products MAX17498B Datasheet HTML 4Page - Maxim Integrated Products MAX17498B Datasheet HTML 5Page - Maxim Integrated Products MAX17498B Datasheet HTML 6Page - Maxim Integrated Products MAX17498B Datasheet HTML 7Page - Maxim Integrated Products MAX17498B Datasheet HTML 8Page - Maxim Integrated Products MAX17498B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AC-DC and DC-DC Peak-Current-Mode Converters
for Flyback/Boost Applications
MAX17498A/MAX17498B/MAX17498C
 Maxim Integrated Products 2
IN to SGND............................................................-0.3V to +40V
EN/UVLO to SGND......................................... -0.3V to IN + 0.3V
OVI to SGND .............................................. -0.3V to VCC + 0.3V
VCC to SGND..........................................................-0.3V to +6V
SS, LIM, EA-, EA+, COMP, SLOPE,
REF to SGND........................................-0.3V to (VCC + 0.3V)
LX to SGND...........................................................-0.3V to +70V
PGOOD to SGND....................................................-0.3V to +6V
PGND to SGND....................................................-0.3V to +0.3V
Continuous Power Dissipation (Single-Layer Board)
TQFN (derate 20.8mW/°C above +70°C)..................1700mW
Operating Temperature Range........................ -40°C to +125°C
Storage Temperature Range............................ -65°C to +160°C
Junction Temperature (continuous) ................................+150°C
Lead Temperature (soldering, 10s) ................................+300°C
Soldering Temperature (reflow) ......................................+260°C
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = +15V, VEN/UVLO = +2V, COMP = open, CIN = 1µF, CVCC = 1µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY (VIN)
IN Voltage Range (VIN)
MAX17498A
4.5
29
V
MAX17498B/MAX17498C
4.5
36
IN Supply Startup Current Under
UVLO
IINSTARTUP, VIN < UVLO or EN/UVLO = SGND
22
36
µA
IN Supply Current (IIN)
Switching, fSW = 250kHz (MAX17498A/MAX17498C)
1.8
3
mA
Switching, fSW = 500kHz (MAX17498B)
2.7
4.5
IN Boostrap UVLO Rising
Threshold
MAX17498A
19
20.5
22
V
MAX17498B/MAX17498C
3.9
4.15
4.4
IN Bootstrap UVLO Falling
Threshold
3.65
3.95
4.25
V
IN Clamp Voltage
EN/UVLO = SGND, IIN = 1mA (MAX17498A) (Note 3)
31
33.5
36
V
LINEAR REGULATOR (VCC)
VCC Output Voltage Range
6V < VIN < 29V, 0mA < IVCC < 50mA
4.8
5
5.2
V
VCC Dropout Voltage
VIN = 4.5V, IVCC = 20mA
160
300
mV
VCC Current Limit
VCC = 0V, VIN = 6V
50
100
mA
ENABLE (EN/UVLO)
EN/UVLO Threshold
Rising
1.18
1.23
1.28
V
Falling
1.11
1.17
1.21
EN/UVLO Input Leakage Current
0V < VEN/UVLO < 1.5V, TA = +25NC
-100
0
+100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com