Electronic Components Datasheet Search
  English  ▼

X  

MAX17498C Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17498C
Description  AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17498C Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17498C Datasheet HTML 17Page - Maxim Integrated Products MAX17498C Datasheet HTML 18Page - Maxim Integrated Products MAX17498C Datasheet HTML 19Page - Maxim Integrated Products MAX17498C Datasheet HTML 20Page - Maxim Integrated Products MAX17498C Datasheet HTML 21Page - Maxim Integrated Products MAX17498C Datasheet HTML 22Page - Maxim Integrated Products MAX17498C Datasheet HTML 23Page - Maxim Integrated Products MAX17498C Datasheet HTML 24Page - Maxim Integrated Products MAX17498C Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AC-DC and DC-DC Peak-Current-Mode Converters
for Flyback/Boost Applications
MAX17498A/MAX17498B/MAX17498C
 Maxim Integrated Products 21
Peak/RMS-Current Calculation
To set the current limit, the peak current in the inductor
and internal nMOSFET can be calculated as:
OUT
MAX
MAX
OUT
PK
INMIN
SWMIN
MAX
OUT
OUT
PK
MAX
INMIN
SWMIN
V
D
(1 D
)
I
I
L
f
(1 D)
1.2 for D
0.5
0.25 V
I
I
1.2 for D
0.5
L
f
(1 D)

×
×−
=
+

×−

×
≥

×
=
+×
≥

×
−

DMAX, the maximum duty cycle, is obtained by substitut-
ing the minimum input operating voltage (VINMIN) in the
equation above for duty cycle. LINMIN is the minimum
value of the input inductor taking into account tolerance
and saturation effects. fSWMIN is the minimum switch-
ing frequency for the MAX17498C from the Electrical
Characteristics section.
Output-Capacitor Selection
X7R ceramic output capacitors are preferred in industrial
applications due to their stability over temperature. The
output capacitor is usually sized to support a step load
of 50% of the maximum output current in the application,
such that the output-voltage deviation is contained to 3%
of the output-voltage change. The output capacitance
can be calculated as:
STEP
RESPONSE
OUTF
OUT
RESPONSE
C
SW
It
C
V
0.33
1
t
()
ff
×
=
∆
≅+
where ISTEP is the load step, tRESPONSE is the
response time of the controller, DVOUT is the allowable
output-voltage deviation, and fC is the target closed-
loop crossover frequency. fC is chosen to be 1/10 the
switching frequency (fSW). For the boost converter, the
output capacitor supplies the load current when the main
switch is on, and therefore, the output-voltage ripple is a
function of duty cycle and load current. Use the following
equation to calculate the output-capacitor ripple:
OUT
MAX
COUT
OUT
SW
ID
V
Cf
×
∆
=
×
Input-Capacitor Selection
The input ceramic capacitor value required can be cal-
culated based on the ripple allowed on the input DC bus.
The input capacitor should be sized based on the RMS
value of the AC current handled by it. The calculations are:
OUT
IN
INMIN
SW
MAX
3.75 I
C
V
f
(1 D
)

×
= 
×
×−

The input-capacitor RMS current can be calculated as:
LIN
CIN_RMS
I
I
23
∆
=
×
where:
OUT
MAX
MAX
LIN
MAX
INMIN
SWMIN
OUT
LIN
MAX
INMIN
SWMIN
V
D
(1 D
)
I
for D
0.5
Lf
0.25 V
I
for D
0.5
Lf

×
×−
∆
=
<

×


×
∆
=
≥

×

Error-Amplifier Compensation Design
The loop-compensation values for the error amplifier can
now be calculated as:
2
OUT
OUT
MIN
Z
OUTMIN
IN
250 V
C
(1 D
)
R
IL
×
×
×−
=
×
where DMIN is the duty cycle at the highest operating
input voltage and IOUTMIN is the minimum load current:
OUT
OUT
Z
OUT
Z
P
SW
Z
VC
C
2I
R
1
C
fR
×
=
×
×
=
π×
×
Slope-Compensation Ramp
The slope required to stabilize the converter at duty
cycles greater than 50% can be calculated as:
OUT
INMIN
E
IN
0.5 (0.82 V
V
)
S
V per µs
L
×
×
−
=
where LIN is in µH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com