Electronic Components Datasheet Search
  English  ▼

X  

HT9234 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9234
Description  Operation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9234 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9234 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9234 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9234 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9234 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9234 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9234 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9234 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9234 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9234 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HT9231/HT9232/HT9234
Rev. 1.10
4
April 8, 2010
Functional Description
Input stage
As the input stage of these op-amps is a PMOS differen-
tial amplifiers, the amplifiers can offer an extended com-
mon mode low input voltage down to VSS-0.6V. At the
other end of the voltage spectrum, the common mode
input voltage has to be maintained at a level below
VDD
-1.4 to keep the input devices, M2 and M3, in their
active region. This implies that when using
HT9231/HT9232/HT9234 in voltage follower applica-
tions, the inputs as well as the output active range will be
limited between VSS~VDD-1V (approx.). It is necessary
to avoid applying any voltage greater than VDD+0.6V or
less than VSS-0.6V to the input pins, otherwise the inter-
nal input protection devices may be damaged.
Since the input impedance of a PMOS transistor is in-
herently very high, they can be directly coupled to high
impedance elements without loading effects. Examples
could be coupling to ceramic transducers, integrating
capacitors and resistor networks. It is this high input im-
pedance characteristic that is its major advantage over
its bipolar counterpart in certain application fields such
as integrators where op-amp input currents can cause
significant errors.
Output stage
The devices use a push-pull CMOS configuration for the
op-amp output stage to minimise power consumption
and to provide adequate output drive currents. Note that
the output is an unbuffered structure, therefore the open
loop gain will be affected by the load resistor since the
voltage gain of this stage is expressed as (gm5+
gm6)
´RL.
To keep power consumption to a minimum, the output
short circuit current is limited to about -9mA for the
source drive and 9.5mA for the sink drive. This is consid-
ered to be enough for most low power systems, how-
ever it is recommended only to used load resistors of
>10k
W for most applications. For heavy load driving ap-
plications, an external buffer stage using bipolar transis-
tors is recommended.
The HT9231/HT9232/HT9234 is internally compen-
sated for AC stability and can drive capacitive loads of
up to 60pF.
V D D
V B I A S
M 1
M 2
M 3
M 4
M 5
V S S
V S S
P M O S
P M O S
N o n i n v e r t i n g I n
I n v e r t i n g I n
T o O u t p u t S t a g e
M 5
M 6
V D D
V S S
O U T
V B I A S
F r o m
D i f f e r e n t i a l
A m p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com