Electronic Components Datasheet Search
  English  ▼

X  

SI7102DN Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI7102DN
Description  N-Channel 12-V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7102DN Datasheet(HTML) 4 Page - Vishay Siliconix

  SI7102DN Datasheet HTML 1Page - Vishay Siliconix SI7102DN Datasheet HTML 2Page - Vishay Siliconix SI7102DN Datasheet HTML 3Page - Vishay Siliconix SI7102DN Datasheet HTML 4Page - Vishay Siliconix SI7102DN Datasheet HTML 5Page - Vishay Siliconix SI7102DN Datasheet HTML 6Page - Vishay Siliconix SI7102DN Datasheet HTML 7Page - Vishay Siliconix SI7102DN Datasheet HTML 8Page - Vishay Siliconix SI7102DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 74250
S-83044-Rev. B, 22-Dec-08
Vishay Siliconix
Si7102DN
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
V
= 5 thru 1.5 V
1 V
GS
0.0030
0.0032
0.0034
0.0036
0.0038
0.0040
ID - Drain Current (A)
0
10
20
30
40
50
60
VGS = 4.5 V
VGS = 2.5 V
0.0
1.6
3.2
4.8
6.4
8.0
0
1530456075
ID = 10 A
Qg - Total Gate Charge (nC)
VDS = 8 V
VDS = 4 V
VDS = 6 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.3
0.6
0.9
1.2
1.5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
1000
2000
3000
4000
5000
0.0
1.6
3.2
4.8
6.4
8.0
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS = 4.5 V
VGS = 2.5 V
ID = 15 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com