Electronic Components Datasheet Search
  English  ▼

X  

SI7980DP Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI7980DP
Description  Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7980DP Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI7980DP Datasheet HTML 5Page - Vishay Siliconix SI7980DP Datasheet HTML 6Page - Vishay Siliconix SI7980DP Datasheet HTML 7Page - Vishay Siliconix SI7980DP Datasheet HTML 8Page - Vishay Siliconix SI7980DP Datasheet HTML 9Page - Vishay Siliconix SI7980DP Datasheet HTML 10Page - Vishay Siliconix SI7980DP Datasheet HTML 11Page - Vishay Siliconix SI7980DP Datasheet HTML 12Page - Vishay Siliconix SI7980DP Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Document Number: 68391
S-83039-Rev. C, 29-Dec-08
www.vishay.com
9
Vishay Siliconix
Si7980DP
CHANNEL-2 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Reverse Current (Schottky)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T
J = 150 °C
VSD -Source-to-Drain Voltage (V)
T
J = 25 °C
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
10-3
10-5
10-6
10-4
10-2
10-1
VDS =15 V
VDS =10 V
VDS =20 V
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.02
0.04
0.06
0.08
0.10
0
246
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID =5A
0
14
28
42
56
70
0
1
1
1
0
0
.
0
0.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
10 ms
100 ms
1s
10 s
DC
Limited byRDS(on)*
BVDSS
Limited
1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com