Electronic Components Datasheet Search
  English  ▼

X  

SI9136 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9136
Description  Multi-Output Power-Supply Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9136 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9136 Datasheet HTML 1Page - Vishay Siliconix SI9136 Datasheet HTML 2Page - Vishay Siliconix SI9136 Datasheet HTML 3Page - Vishay Siliconix SI9136 Datasheet HTML 4Page - Vishay Siliconix SI9136 Datasheet HTML 5Page - Vishay Siliconix SI9136 Datasheet HTML 6Page - Vishay Siliconix SI9136 Datasheet HTML 7Page - Vishay Siliconix SI9136 Datasheet HTML 8Page - Vishay Siliconix SI9136 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.vishay.com
2
Document Number: 70818
S11-0975-Rev. D, 16-May-11
Vishay Siliconix
Si9136
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Device Mounted with all leads soldered or welded to PC board.
b. Derate 9.25 mW/°C above 90 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
VIN to GND
- 0.3 to + 36 V
V
PGND to GND
± 2
VL to GND
- 0.3 to + 6.5 V
BST3, BST5, BSTFY to GND
- 0.3 V to + 36 V
VL Short to GND
Continuous
LX3 to BST3; LX5 to BST5; LXFY to BST
- 6.5 V to 0.3 V
V
Inputs/Outputs to GND (CS3, CS5, CSP, CSN)
- 0.3 V to (VL + 0.3 V)
5 ON/OFF, 3 ON/OFF, 12 ON/OFF
- 0.3 V to + 5.5 V
DL3, DL5 to PGND
- 0.3 V to (VL + 0.3 V)
DLFY to PGND
Input of Flyback
DH3 to LX3, DH5 to LX5, DHFY to LXFY
- 0.3 V to (BSTX + 0.3 V)
V
Continuous Power Dissipation (TA = 90 °C)
a
28-Pin SSOPb
572
mW
Operating Temperature Range
0 °C to 90 °C
°C
Storage Temperature Range
- 40 °C to 125 °C
Lead Temperature (Soldering, 10 Sec.)
300
SPECIFICATIONS
Parameter
Specific Test Conditions
VIN = 15 V , IVL = IREF = 0 mA
TA = 0 °C to 90 °C, All Converters ON
Limits
Unit
Min.a
Typ.b
Max.a
3.3 V Buck Controller
Total Regulation (Line, Load, and Temperature)
VIN = 6 to 30 V, 0 < VCS3 - VFB3 < 90 mV
3.23
3.33
3.43
V
Line Regulation
VIN = 6 to 30 V
± 0.5
%
Load Regulation
0 < VCS3 - VFB3 < 90 mV
± 0.5
Current Limit
VCS3 - VFB3
90
125
160
mV
Bandwidth
L = 10 µH, C = 330 µF
50
kHz
Phase Margin
RSENSE = 20 m
65
°
5 V Buck Controller
Total Regulation (Line, Load, and Temperature)
VIN = 6 to 30 V, 0 < VCS5 - VFB5 < 90 mV
4.88
5.03
5.18
V
Line Regulation
VIN = 6 to 30 V
± 0.5
%
Load Regulation
0 < VCS5 - VFB5 < 90 mV
± 0.5
Current Limit
VCS5 - VFB5
90
125
160
mV
Bandwidth
L = 10 µH, C = 330 µF
50
kHz
Phase Margin
RSENSE = 20 m
65
°
12 V Flyback Controller
Total Regulation (Line, Load, and Temperature)
VIN = 6 to 30 V, 0 < VCSP - VCSN < 300 mV
11.4
12.0
12.6
V
Line Regulation
VIN = 6 to 30 V
± 0.5
%
Load Regulation
0 < VCSP - VFBN < 300 mV
± 0.5
Current Limit
VCSP - VCSN
330
410
500
mV
Bandwidth
L = 10 µH, C = 100 µF
10
kHz
Phase Margin
RSENSE = 100 m, Ccomp = 120 pF
65
°
Internal Regulator
VL Output
All Converters OFF, VIN > 5.5, 0 < IL < 30 mA
4.7
5.5
V
VL Fault Lockout Voltage
3.6
4.2
VL Fault Lockout Hysteresis
75
mV
VL /FB5 Switchover Voltage
4.2
4.7
V
VL /FB5 Switchover Hysteresis
75
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com