Electronic Components Datasheet Search
  English  ▼

X  

SI9933CDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9933CDY
Description  Dual P-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9933CDY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9933CDY Datasheet HTML 1Page - Vishay Siliconix SI9933CDY Datasheet HTML 2Page - Vishay Siliconix SI9933CDY Datasheet HTML 3Page - Vishay Siliconix SI9933CDY Datasheet HTML 4Page - Vishay Siliconix SI9933CDY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Vishay Siliconix
SPICE Device Model Si9933CDY
Document Number: 64515
S-83055
⎯Rev. A, 19-Jan-09
Dual P-Channel 20-V (D-S) MOSFET
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the p-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 5-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC


Similar Part No. - SI9933CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9933CDY VISHAY-SI9933CDY Datasheet
213Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
04-Aug-08
SI9933CDY-T1-E3 VISHAY-SI9933CDY-T1-E3 Datasheet
213Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
04-Aug-08
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
Dual P-Channel 20-V (D-S) MOSFET
04-Aug-08
logo
VBsemi Electronics Co.,...
SI9933CDY-T1-GE3 VBSEMI-SI9933CDY-T1-GE3 Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
213Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
04-Aug-08
More results

Similar Description - SI9933CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
Dual P-Channel 20-V (D-S) MOSFET
18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
13-Jun-05
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
29-Mar-04
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
Dual P-Channel 20 V (D-S) MOSFET
19-Jul-10
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
14-May-07
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
Dual P-Channel 20-V (D-S) MOSFET
04-Aug-08
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
02-Jun-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
09-Mar-09
logo
VBsemi Electronics Co.,...
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com