Electronic Components Datasheet Search
  English  ▼

X  

AMC1203B Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC1203B
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1203B Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1203B Datasheet HTML 17Page - Texas Instruments AMC1203B Datasheet HTML 18Page - Texas Instruments AMC1203B Datasheet HTML 19Page - Texas Instruments AMC1203B Datasheet HTML 20Page - Texas Instruments AMC1203B Datasheet HTML 21Page - Texas Instruments AMC1203B Datasheet HTML 22Page - Texas Instruments AMC1203B Datasheet HTML 23Page - Texas Instruments AMC1203B Datasheet HTML 24Page - Texas Instruments AMC1203B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
R
2
12W
R
3
12W
R
SHUNT
AMC1204
Gated
Drive
Circuit
ToLoad
Floating
PowerSupply
HV+
Isolation
Barrier
C
2
330pF
C
3
10pF
(optional)
AVDD
VINP
VINN
AGND
DVDD
DATA
CLKIN
DGND
C
4
10pF
(optional)
C
1
(1)
0.1 F
m
D
1
5.1V
R
1
Gated
Drive
Circuit
Power
Supply
HV-
AMC1204
www.ti.com
SBAS512B
– APRIL 2011 – REVISED AUGUST 2011
APPLICATION INFORMATION
A typical operation of the AMC1204 in a motor control application is shown in Figure 50. Measurement of the
motor phase current is done via the shunt resistor RSHUNT (in this case, a two-terminal shunt). For better
performance, the differential signal is filtered using RC filters (components R2, R3, and C2). Optionally, C3 and C4
can be used to reduce charge dumping from the inputs. In this case, care should be taken when choosing the
quality of these capacitors
—mismatch in values of these capacitors leads to a common-mode error at the input of
the modulator.
The high-side power supply for the AMC1204 (AVDD) is derived from the power supply of the upper gate driver.
For lowest cost, a zener diode can be used to limit the voltage to 5V
±10%. A decoupling capacitor of 0.1µF is
recommended for filtering this power-supply path. This capacitor (C1 in Figure 50) should be placed as close as
possible to the AVDD pin for best performance. If better filtering is required, an additional 1
µF to 10µF capacitor
can be used. The floating ground reference AGND is derived from the end of the shunt resistor, which is
connected to the negative input of the AMC1204 (VINN). If a four-terminal shunt is used, the inputs of AMC1204
are connected to the inner leads, while AGND is connected to one of the outer leads of the shunt. Both digital
signals, CLKIN and DATA, can be directly connected to a digital filter (for example, the AMC1210); see
Figure 51.
(1) Place C1 close to the AMC1204.
Figure 50. Typical Application Diagram
Copyright
© 2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com