Electronic Components Datasheet Search
  English  ▼

X  

SIC403 Datasheet(PDF) 15 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 11Page - Vishay Siliconix SIC403 Datasheet HTML 12Page - Vishay Siliconix SIC403 Datasheet HTML 13Page - Vishay Siliconix SIC403 Datasheet HTML 14Page - Vishay Siliconix SIC403 Datasheet HTML 15Page - Vishay Siliconix SIC403 Datasheet HTML 16Page - Vishay Siliconix SIC403 Datasheet HTML 17Page - Vishay Siliconix SIC403 Datasheet HTML 18Page - Vishay Siliconix SIC403 Datasheet HTML 19Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Vishay Siliconix
SiC403
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
www.vishay.com
15
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
will not allow any PWM switching until the LDO output has
reached 90 % of it's final value.
On-Chip LDO Bias the SiC403
The following steps must be followed when using the onchip
LDO to bias the device.
• Connect VDD to VLDO before enabling the LDO.
• The LDO has an initial current limit of 40 mA at start-up,
therefore, do not connect any external load to VLDO during
start-up.
• When VLDO reaches 90 % of its final value, the LDO
current limit increases to 200 mA. At this time the LDO may
be used to supply the required bias current to the device.
Attempting to operate in self-powered mode in any other
configuration can cause unpredictable results and may
damage the device.
Design Procedure
When designing a switch mode power supply, the input
voltage range, load current, switching frequency, and
inductor ripple current must be specified.
The maximum input voltage (VINMAX) is the highest specified
input voltage. The minimum input voltage (VINMIN) is
determined by the lowest input voltage after evaluating the
voltage drops due to connectors, fuses, switches, and PCB
traces.
The following parameters define the design:
• Nominal output voltage (VOUT)
• Static or DC output tolerance
• Transient response
• Maximum load current (IOUT)
There are two values of load current to evaluate - continuous
load current and peak load current. Continuous load current
relates to thermal stresses which drive the selection of the
inductor and input capacitors. Peak load current determines
instantaneous
component
stresses
and
filtering
requirements such as inductor saturation, output capacitors,
and design of the current limit circuit.
The following values are used in this design:
• VIN = 12 V ± 10 %
• VOUT = 1.05 V ± 4 %
• fSW = 250 kHz
• Load = 6 A maximum
Frequency Selection
Selection of the switching frequency requires making a
trade-off between the size and cost of the external filter
components (inductor and output capacitor) and the power
conversion efficiency.
The desired switching frequency is 250 kHz which results
from using component selected for optimum size and cost.
A resistor (RTON) is used to program the on-time (indirectly
setting the frequency) using the following equation.
To select RTON, use the maximum value for VIN, and for tON
use the value associated with maximum VIN.
tON = 318 ns at 13.2 VIN, 1.05 VOUT, 250 kHz
Substituting for RTON results in the following solution
RTON = 154.9 k, use RTON = 154 k.
Inductor Selection
In order to determine the inductance, the ripple current must
first be defined. Low inductor values result in smaller size but
create higher ripple current which can reduce efficiency.
Higher inductor values will reduce the ripple current and
voltage and for a given DC resistance are more efficient.
However, larger inductance translates directly into larger
packages and higher cost. Cost, size, output ripple, and
efficiency are all used in the selection process.
The ripple current will also set the boundary for power-save
operation. The switching will typically enter power-save
mode when the load current decreases to 1/2 of the ripple
current. For example, if ripple current is 4 A then power-save
operation will typically start for loads less than 2 A. If ripple
current is set at 40 % of maximum load current, then
power-save will start for loads less than 20 % of maximum
current.
The inductor value is typically selected to provide a ripple
current that is between 25 % to 50 % of the maximum load
current. This provides an optimal trade-off between cost,
efficiency, and transient performance.
During the DH on-time, voltage across the inductor is
(VIN - VOUT). The equation for determining inductance is
shown next.
Example
In this example, the inductor ripple current is set equal to
50 % of the maximum load current. Thus ripple current will be
50 % x 6 A or 3 A. To find the minimum inductance needed,
use the VIN and TON values that correspond to VINMAX.
A slightly larger value of 1.3 µH is selected. This will
decrease the maximum IRIPPLE to 2.9 A.
Note that the inductor must be rated for the maximum DC
load current plus 1/2 of the ripple current. The ripple current
under minimum VIN conditions is also checked using the
following equations.
Rton =
(tON - 10 ns) x VIN
25 pF x VOUT
tON =
VOUT
VINMAX. x fSW
L =
(VIN - VOUT) x tON
IRIPPLE
L =
(13.2 - 1.05) x 318 ns
3 A
= 1.28 µH
TON_VINMIN =
25 pF x RTON x VOUT
VINMIN
IRIPPLE =
(VIN - VOUT) x TON
L
IRIPPLE_VIN =
(10.8 - 1.05) x 384 ns
1.3 µH
= 2.88 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com