Electronic Components Datasheet Search
  English  ▼

X  

SIC417DB Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIC417DB
Description  microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC417DB Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIC417DB Datasheet HTML 9Page - Vishay Siliconix SIC417DB Datasheet HTML 10Page - Vishay Siliconix SIC417DB Datasheet HTML 11Page - Vishay Siliconix SIC417DB Datasheet HTML 12Page - Vishay Siliconix SIC417DB Datasheet HTML 13Page - Vishay Siliconix SIC417DB Datasheet HTML 14Page - Vishay Siliconix SIC417DB Datasheet HTML 15Page - Vishay Siliconix SIC417DB Datasheet HTML 16Page - Vishay Siliconix SIC417DB Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Vishay Siliconix
SiC417
Document Number: 69062
S10-1367-Rev. D, 14-Jun-10
www.vishay.com
13
Frequency Selection
Selection of the switching frequency requires making a
trade-off between the size and cost of the external filter
components (inductor and output capacitor) and the power
conversion efficiency.
The desired switching frequency is 250 kHz which results
from using component selected for optimum size and cost.
A resistor (RTON) is used to program the on-time (indirectly
setting the frequency) using the following equation.
To select RTON, use the maximum value for VIN, and for tON
use the value associated with maximum VIN.
tON = 318 ns at 13.2 VIN, 1.05 VOUT, 250 kHz
Substituting for RTON results in the following solution
RTON = 154.9 kΩ, use RTON = 154 kΩ.
Inductor Selection
In order to determine the inductance, the ripple current must
first be defined. Low inductor values result in smaller size but
create higher ripple current which can reduce efficiency.
Higher inductor values will reduce the ripple current and
voltage and for a given DC resistance are more efficient.
However, larger inductance translates directly into larger
packages and higher cost. Cost, size, output ripple, and
efficiency are all used in the selection process.
The ripple current will also set the boundary for power-save
operation. The switching will typically enter power-save
mode when the load current decreases to 1/2 of the ripple
current. For example, if ripple current is 4 A then power-save
operation will typically start for loads less than 2 A. If ripple
current is set at 40 % of maximum load current, then power-
save will start for loads less than 20 % of maximum current.
The inductor value is typically selected to provide a ripple
current that is between 25 % to 50 % of the maximum load
current. This provides an optimal trade-off between cost,
efficiency, and transient performance.
During the DH on-time, voltage across the inductor is
(VIN-VOUT). The equation for determining inductance is
shown next.
Example
In this example, the inductor ripple current is set equal to
50 % of the maximum load current. Thus ripple current will be
50 % x 10 A or 5 A. To find the minimum inductance needed,
use the VIN and TON values that correspond to VINMAX.
A slightly larger value of 0.88 µH is selected. This will
decrease the maximum IRIPPLE to 4.4 A.
Note that the inductor must be rated for the maximum DC
load current plus 1/2 of the ripple current. The ripple current
under minimum VIN conditions is also checked using the
following equations.
Capacitor Selection
The output capacitors are chosen based on required ESR
and capacitance. The maximum ESR requirement is
controlled by the output ripple requirement and the DC
tolerance. The output voltage has a DC value that is equal to
the valley of the output ripple plus 1/2 of the peak-to-peak
ripple. Change in the output ripple voltage will lead to a
change in DC voltage at the output.
The design goal is that the output voltage regulation be
± 4 % under static conditions. The internal 500 mV reference
tolerance is 1 %. Allowing 1 % tolerance from the FB resistor
divider, this allows 2 % tolerance due to VOUT ripple.
Since this 2 % error comes from 1/2 of the ripple voltage, the
allowable ripple is 4 %, or 42 mV for a 1.05 V output.
The maximum ripple current of 4.4 A creates a ripple voltage
across the ESR. The maximum ESR value allowed is shown
by the following equations.
The output capacitance is usually chosen to meet transient
requirements. A worst-case load release, from maximum
load to no load at the exact moment when inductor current is
at the peak, determines the required capacitance. If the load
release is instantaneous (load changes from maximum to
zero in < 1 µs), the output capacitor must absorb all the
inductor's stored energy. This will cause a peak voltage on
the capacitor according to the following equation.
Assuming a peak voltage VPEAK of 1.150 (100 mV rise upon
load release), and a 10 A load release, the required
capacitance is shown by the next equation.
If the load release is relatively slow, the output capacitance
can be reduced. At heavy loads during normal switching,
when the FB pin is above the 500 mV reference, the DL
Rton =
(tON - 10 ns) x VIN
25 pF x VOUT
tON =
VOUT
VINMAX. x fSW
L =
(VIN - VOUT) x tON
IRIPPLE
L =
(13.2 - 1.05) x 318 ns
5 A
= 77 µH
TON_VINMIN =
25 pF x RTON x VOUT
VINMIN
IRIPPLE =
(VIN - VOUT) x TON
L
IRIPPLE_VIN =
(10.8 - 1.05) x 384 ns
0.88 µH
= 4.25 A
ESRMAX =
VRIPPLE
IRIPPLEMAX
ESRMAX = 9.5 m
Ω
=
42 mV
4.4 A
COUTMIN =
L (IOUT +
x IRIPPLEMAX)2
(VPEAK)2 - (VOUT)2
1
2
COUTMIN =
0.88 µH (10 +
x 4.4)2
(1.15)2 - (1.05)2
COUTMIN = 595 µF
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com