Electronic Components Datasheet Search
  English  ▼

X  

SIP1759DB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP1759DB
Description  Buck-Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP1759DB Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP1759DB Datasheet HTML 1Page - Vishay Siliconix SIP1759DB Datasheet HTML 2Page - Vishay Siliconix SIP1759DB Datasheet HTML 3Page - Vishay Siliconix SIP1759DB Datasheet HTML 4Page - Vishay Siliconix SIP1759DB Datasheet HTML 5Page - Vishay Siliconix SIP1759DB Datasheet HTML 6Page - Vishay Siliconix SIP1759DB Datasheet HTML 7Page - Vishay Siliconix SIP1759DB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 72949
S09-1453-Rev. D, 03-Aug-09
Vishay Siliconix
SiP1759
FUNCTIONAL BLOCK DIAGRAM
DETAILED DESCRIPTION
The SiP1759 is a buck-boost regulating charge pump. This
allows for the VIN to be a higher or lower voltage than the
regulated output. This is done with a charge pump that when
VIN is lower than VOUT is a regulated voltage doubler. When
VIN is higher than VOUT the charge pump is a step down
gated switch.
In boost mode, the IC controls the transfer capacitor through
CX+ and CX- pins, switching the charge to the output keeping
it regulated. In this mode the charge pump only switches to
maintain regulation, the output ripple does not increase with
light loads. In buck mode, the CX- pin is internally connected
to PGND and the CX+ is switched internally between VIN and
VOUT. Unless VIN is significantly larger than VOUT (VIN ≥
VOUT + 1 V), in heavy load the IS will slip from buck mode to
boost mode as necessary to charge the transfer capacitor.
Shutdown Mode
The IC is designed to conserve power by decreasing current
consumption during normal operation as well as shutdown
mode. Pulling the SD pin logic low, the output is
disconnected from the input and is in high impedance; the
internal circuitry of the oscillator, control logic, and the
charge-pump switches are turned off, decreasing the current
consumption to less than 1 µA.
Undervoltage Lockout
When VIN falls below 1 V the undervoltage lockout disables
the SiP1759.
Power OK Output
POK is an open-drain output that goes low when the
regulator feedback voltage falls below 1.1 V. A 10 k
Ω to 1 MΩ
pull-up resistor from POK to OUT should be used to provide
a logic output and keep current consumption to a minimum.
Connect POK to GND or leave floating if not used. The POK
output is high impedance when the IC is in shutdown mode.
Fixed Output
The SiP1759 can be configured as a fixed 3.3 V output
regulator or as an adjustable output from 2.5 V to 5.5 V. In
the fixed 3.3 V output mode the feedback voltage is
generated from the internal resistor-divider network. The FB
pin must be tied to GND.
Soft-Start and Short Circuit Protection
The IC features a soft-start mechanism that limits the inrush
current during start-up and if the output is short circuited the
SiP1759 limits the output current to 110 mA.
Thermal Shutdown
The SiP 1759 is designed with a thermal shutdown circuit
that will shut down the IC when the die temperature exceeds
160 °C. The thermal shutdown has 20 °C of hysteresis,
insuring when the die cools down the IC will turn on again.
-
+
-
+
Oscillator
Control
Bias
-
+
-
+
-
+
-
+
VIN
PGND
SD
ERROR
GND
VOUT
FB
CX+
CX-
S1
S2
1.235 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com