Electronic Components Datasheet Search
  English  ▼

X  

SIP4282 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIP4282
Description  1.2 A Slew Rate Controlled Load Switch in PPAK SC75-6, and TDFN4 1.2 mm x 1.6 mm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIP4282 Datasheet HTML 4Page - Vishay Siliconix SIP4282 Datasheet HTML 5Page - Vishay Siliconix SIP4282 Datasheet HTML 6Page - Vishay Siliconix SIP4282 Datasheet HTML 7Page - Vishay Siliconix SIP4282 Datasheet HTML 8Page - Vishay Siliconix SIP4282 Datasheet HTML 9Page - Vishay Siliconix SIP4282 Datasheet HTML 10Page - Vishay Siliconix SIP4282 Datasheet HTML 11Page - Vishay Siliconix SIP4282 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Vishay Siliconix
Package Information
Document Number: 73850
22-May-06
www.vishay.com
1
DIM
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.032
A1
0
-
0.05
0
-
0.002
b
0.20
0.25
0.30
0.008
0.010
0.012
C
0.15
0.20
0.25
0.006
0.008
0.010
D
1.55
1.60
1.65
0.0061
0.063
0.065
D1
0.95
1.00
1.05
0.037
0.039
0.041
E
1.55
1.60
1.65
0.061
0.063
0.065
E1
0.55
0.60
0.65
0.022
0.024
0.026
e
0.50 BSC
0.020 BSC
e1
1.00 BSC
0.039 BSC
K
0.15
-
-
0.006
-
-
K2
0.20
-
-
0.008
L
0.20
0.25
0.30
0.008
0.010
0.012
ECN: S-60845-Rev. B, 22-May-06
DWG: 5953
PowerPAK SC75-6L (Power IC only)
®
Top View
Pin 1 Dot
By Marking
PPAKSC75
(1.6 x 1.6 mm)
K2
K2
Bottom View
e1
Side View
A
A1
C
D
E
e
b
D1
Exposed pad
E1
Exposed pad
K
K
Pin3
Pin 2
Pin1
L
Pin4
Pin 5
Pin6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com