Electronic Components Datasheet Search
  English  ▼

X  

SIP12501 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP12501
Description  Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12501 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP12501 Datasheet HTML 1Page - Vishay Siliconix SIP12501 Datasheet HTML 2Page - Vishay Siliconix SIP12501 Datasheet HTML 3Page - Vishay Siliconix SIP12501 Datasheet HTML 4Page - Vishay Siliconix SIP12501 Datasheet HTML 5Page - Vishay Siliconix SIP12501 Datasheet HTML 6Page - Vishay Siliconix SIP12501 Datasheet HTML 7Page - Vishay Siliconix SIP12501 Datasheet HTML 8Page - Vishay Siliconix SIP12501 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 73192
S09-1455-Rev. B, 03-Aug-09
Vishay Siliconix
SiP12501
Notes:
a. Derate 20 mW/°C above 70 °C.
b. Device mounted with all leads soldered or welded to PC board.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Notes:
a. Full = - 40 °C to 85 °C.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum (- 40 °C to 85 °C).
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. Minimum Operating Voltage is determined by the battery’s capability to provide energy as it is deeply discharged.
ABSOLUTE MAXIMUM RATINGS (all voltages referenced to GND = 0 V)
Parameter
Limit
Unit
Input Voltage, VIN
- 0.3 to 6
V
LX Voltage
- 0.3 to VOUT + 0.5
Output Voltage, VOUT
- 0.3 to 6
XSHD Voltage
- 0.3 to VIN + 0.5
FB Voltage
- 0.3 to 6
Maximum Junction Temperature
150
°C
Storage Temperature
- 55 to 150
Operating Junction Temperature
125
Power Dissipationa
PowerPAK MLP33-6 (TA = 70 °C)
a
1100
mW
Thermal Resistanceb
PowerPAK MLP33-6
50
°C/W
RECOMMENDED OPERATING RANGE (all voltages referenced to GND = 0 V)
Parameter
Limit
Unit
Input Voltage, VIN
0.65 to 3.3
V
Output Voltage, VOUT
3.5 to 5
XSHD Voltage
0 to VIN
LX Voltage
0 to VOUT + 0.5 V
FB Voltage
0 to 5
Operating Temperature Range
- 40 to 85
°C
SPECIFICATIONSa
Parameter
Symbol
Test Conditions Unless Specified
VIN = 1.2 V, VOUT = 3.9 V, TA = 25 °C
Temp.a
Limits
Unit
Min.b
Typ.c
Max.b
Minimum Start-Up Voltage
VSTART
ILOAD = 1 mA
Full
0.65
0.85
V
Minimum Operating Voltaged
VHOLD
XSHD = VIN
Full
0.55
Feedback Voltage
VFB
0.291
0.3
0.309
Full
0.282
0.318
Feedback Input Current
IFB
VFB = 0.3 V
1nA
Maximum PWM Duty Cycle
MAXDTY
80
87
%
PWM Switching Frequency
fOSC
Full
425
600
775
kHz
Quiescent Current
IQ
VFB = 0.4 V
Full
200
300
µA
Stand-By Current
ISTB
XSHD = 0 V, not including switch leakage
Full
1
NMOS Switch Leakage
ILEAK
LX = 5 V
12
Full
10
NMOS Switch On Resistance
RDS(on)
VOUT = 3.3 V
0.24
Ω
XSHD Input High Level
VXSHDH
0.8 V
≤ V
IN ≤ 0.9 V
Full
0.55
V
0.9 V< VIN ≤ 2 V
Full
0.8
2 V < VIN ≤ 5 V
Full
1.2
XSHD Input Low Level
VXSHDL
Full
0.2
Thermal Shutdown
TSHD
160
°C
Thermal Shutdown Hysteresis
THYST
20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com