Electronic Components Datasheet Search
  English  ▼

X  

SIP32411 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32411
Description  2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32411 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32411 Datasheet HTML 1Page - Vishay Siliconix SIP32411 Datasheet HTML 2Page - Vishay Siliconix SIP32411 Datasheet HTML 3Page - Vishay Siliconix SIP32411 Datasheet HTML 4Page - Vishay Siliconix SIP32411 Datasheet HTML 5Page - Vishay Siliconix SIP32411 Datasheet HTML 6Page - Vishay Siliconix SIP32411 Datasheet HTML 7Page - Vishay Siliconix SIP32411 Datasheet HTML 8Page - Vishay Siliconix SIP32411 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 66710
S11-1694-Rev. E, 22-Aug-11
Vishay Siliconix
SiP32411
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
x = Lot code
GE3 and GE4 denote halogen-free and RoHS compliant
Notes:
a. Device mounted with all leads and power pad soldered or welded to PC board, see PCB layout.
b. Derate 4.5 mW/°C above TA = 70 °C, see PCB layout.
c. Derate 5.9 mW/°C above TA = 70 °C, see PCB layout.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating/conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Temperature Range
Package
Marking
Part Number
- 40 °C °C to 85 °C
SC70-6
MBxx
SiP32411DR-T1-GE3
TDFN4 1.2 mm x 1.6 mm
AEx
SiP32411DNP-T1-GE4
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Supply Input Voltage (VIN)
- 0.3 to 6
V
Enable Input Voltage (VEN)
- 0.3 to 6
Output Voltage (VOUT)
- 0.3 to VIN + 0.3
Maximum Continuous Switch Current (Imax.)
SC70-6 package
1.8
A
TDFN4 1.2 mm x 1.6 mm
2.4
Maximum Pulsed Current (IDM) VIN
(Pulsed at 1 ms, 10 % Duty Cycle)
SC70-6 package
2.2
TDFN4 1.2 mm x 1.6 mm
3
ESD Rating (HBM)
4000
V
Junction Temperature (TJ)
- 40 to 125
°C
Thermal Resistance (
JA)
a
6 pin SC70-6b
240
°C/W
4 pin TDFN4 1.2 mm x 1.6 mmc
170
Power Dissipation (PD)
a
6 pin SC70-6b
230
mW
4 pin TDFN4 1.2 mm x 1.6 mmc
324
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Input Voltage Range (VIN)
1.1 to 5.5
V
Operating Temperature Range
- 40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com