Electronic Components Datasheet Search
  English  ▼

X  

SIP32414 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32414
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32414 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32414 Datasheet HTML 1Page - Vishay Siliconix SIP32414 Datasheet HTML 2Page - Vishay Siliconix SIP32414 Datasheet HTML 3Page - Vishay Siliconix SIP32414 Datasheet HTML 4Page - Vishay Siliconix SIP32414 Datasheet HTML 5Page - Vishay Siliconix SIP32414 Datasheet HTML 6Page - Vishay Siliconix SIP32414 Datasheet HTML 7Page - Vishay Siliconix SIP32414 Datasheet HTML 8Page - Vishay Siliconix SIP32414 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 71437
S11-0366-Rev. A, 07-Mar-11
www.vishay.com
3
Vishay Siliconix
SiP32413, SiP32414
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. For VIN outside this range consult typical EN threshold curve.
d. Not tested, guarantee by design.
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 5.0 V, TA = - 40 °C to 85 °C
(Typical values are at TA = 25 °C)
Limits
- 40 °C to 85 °C
Unit
Min.a
Typ.b
Max.a
Operating Voltagec
VIN
1.1
-
5.5
V
Quiescent Current
IQ
VIN = 1.2 V, CNTRL = active
-
6.7
14
µA
VIN = 1.8 V, CNTRL = active
-
14
24
VIN = 2.5 V, CNTRL = active
-
25
40
VIN = 3.6 V, CNTRL = active
-
40
60
VIN = 4.3 V, CNTRL = active
-
52
75
VIN = 5.0 V, CNTRL = active
-
71
99
Off Supply Current
IQ(off)
CNTRL = inactive, OUT = open
-
-
1
Off Switch Current
IDS(off)
CNTRL = inactive, OUT = 0
-
-
1
Reverse Blocking Current
IRB
VOUT = 5.5 V, VIN = 1.2 V,VEN = inactive
--
10
On-Resistance
RDS(on)
VIN = 1.2 V, IL = 100 mA, TA = 25 °C
-
66
76
m
Ω
VIN = 1.8 V, IL = 100 mA, TA = 25 °C
-
62
72
VIN = 2.5 V, IL = 100 mA, TA = 25 °C
-
62
72
VIN = 3.6 V, IL = 100 mA, TA = 25 °C
-62
72
VIN = 4.3 V, IL = 100 mA, TA = 25 °C
-
62
72
VIN = 5.0 V, IL = 100 mA, TA = 25 °C
-62
72
On-Resistance Temp.-Coefficient
TCRDS
-
3900
-
ppm/°C
CNTRL Input Low Voltagec
VIL
VIN = 1.2 V
-0.5
0.3
V
VIN = 1.8 V
-
0.72
0.4d
VIN = 2.5 V
-
0.87
0.5d
VIN = 3.6 V
-1.0
0.6d
VIN = 4.3 V
-
1.08
0.7d
VIN = 5.0 V
-
1.15
0.8d
CNTRL Input High Voltagec
VIH
VIN = 1.2 V
0.9d
0.54
-
VIN = 1.8 V
1.2d
0.78
-
VIN = 2.5 V
1.4d
0.96
-
VIN = 3.6 V
1.6d
1.2
-
VIN = 4.3 V
1.7d
1.32
-
VIN = 5.0 V
1.8
1.45
-
EN Input Leakage
ISINK
VEN = 5.5 V
-
-
1
µA
Output Pulldown Resistance
RPD
CNTRL = inactive, TA = 25 °C
(SiP32414 only)
-
217
280
Ω
Output Turn-On Delay Time
td(on)
VIN = 3.6 V, RLOAD = 10 Ω, TA = 25 °C
-
140
210
µs
Output Turn-On Rise Time
t(on)
80
150
220
Output Turn-Off Delay Time
td(off)
-0.27
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com