Electronic Components Datasheet Search
  English  ▼

X  

SIP32452 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP32452
Description  1 V, 55 m Ohm Load Switch in MICRO FOOT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32452 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP32452 Datasheet HTML 1Page - Vishay Siliconix SIP32452 Datasheet HTML 2Page - Vishay Siliconix SIP32452 Datasheet HTML 3Page - Vishay Siliconix SIP32452 Datasheet HTML 4Page - Vishay Siliconix SIP32452 Datasheet HTML 5Page - Vishay Siliconix SIP32452 Datasheet HTML 6Page - Vishay Siliconix SIP32452 Datasheet HTML 7Page - Vishay Siliconix SIP32452 Datasheet HTML 8Page - Vishay Siliconix SIP32452 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 63315
S11-1695-Rev. B, 22-Aug-11
Vishay Siliconix
SiP32452, SiP32453
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Figure 2 - MICRO FOOT® 2 x 2 Package
A
B
EN
GND
OUT
IN
Index-Bump A1
W
B
A
12
OUT
IN
1
2
A
B
EN
GND
Backside
Bumpside
PIN DESCRIPTION
Pin Number
Name
Function
A1
IN
This pin is the n-channel MOSFET drain connection. Bypass to ground through a 4.7 µF capacitor.
A2
OUT
This pin is the n-channel MOSFET source connection. Bypass to ground through a 0.1 µF capacitor.
B1
EN
Enable input
B2
GND
Ground connection
Figure 3 - Quiescent Current vs. Input Voltage
Figure 5 - Off Supply Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
45
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
V
IN
(V)
V
IN (V)
0
2
4
6
8
10
12
0.8
1.2
1.6
2.0
2.4
2.8
Figure 4 - Quiescent Current vs. Temperature
Figure 6 - Off Supply Current vs. Temperature
100
0
5
10
15
20
25
30
35
40
45
50
- 40
- 20
0
20
40
60
80
Temperature (°C)
V
IN = 1 V
V
IN = 2.5 V
V
IN = 1.2 V
Temperature (°C)
0.0001
0.001
0.01
0.1
1
10
100
1000
- 40
- 20
0
20
40
60
80
100
V
IN = 2.5 V
V
IN = 1.2 V
V
IN = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com